Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVFSW6C8 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVFSW6C8
Description  4-Pin White LED Lamp (7.6mm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVFSW6C8 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVFSW6C8 Datasheet HTML 1Page - OPTEK Technologies OVFSW6C8 Datasheet HTML 2Page - OPTEK Technologies OVFSW6C8 Datasheet HTML 3Page - OPTEK Technologies OVFSW6C8 Datasheet HTML 4Page - OPTEK Technologies OVFSW6C8 Datasheet HTML 5Page - OPTEK Technologies OVFSW6C8 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Issue 1.0
0505
Page 2
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
4-Pin White LED Lamp (7.6mm)
OVFSW6C8
Absolute Maximum Ratings
TA = 25o C unless otherwise noted
Storage Temperature Range
-30 ~ +80°C
Operating Temperature Range
-20 ~ +75°C
Lead Soldering Temperature (3mm from the base of the epoxy bulb)1
260°C
Reverse Voltage
5 V
Continuous Forward Current
30 mA
Peak Forward Current (10% Duty Cycle, PW
”  —VHF
100 mA
Power Dissipation
140 mW
Note:
1.
Solder time less than 3 seconds at temperature extreme.
Electrical Characteristics
TA = 25o C unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
770
1200
----
mcd
IF = 30mA
VF
Forward Voltage
----
4.0
4.6
V
IF = 30mA
IR
Reverse Current
----
----
100
µA
VR = 5V
x
----
0.31
----
----
IF = 30mA
y
----
0.32
----
----
IF = 30mA
2 ½
50% Power Angle
----
60
----
deg
IF = 30mA
Chromaticity Coordinates
Rank
V10
V11
V12
V13
V14
V15
Voltage (V)
3.4–3.6
3.6–3.8
3.8–4.0
4.0–4.2
4.2–4.4
4.4–4.6
Forward Voltage (VF)
Important Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. To designate luminous intensity ranks, please contact OPTEK.
Standard Bins (IF = 30mA)
Lamps are sorted to luminous intensity (IV), forward voltage (VF), and dominant wavelength ( D) bins shown.
Orders for OVFSW6C8 may be filled with any or all bins contained as below.
Luminous intensity is
at S bin or above.
1520-2130
U
1100-1520
T
770-1100
S
A
B1
B2
C
Dominant Wavelength (nm)
Rank
A
B1
B2
Chromaticity
Coordinates
x
0.280 0.264 0.283 0.296 0.287 0.283 0.330 0.330 0.296 0.287 0.330 0.330 0.330 0.330 0.361 0.356
y
0.248 0.267 0.305 0.276 0.295 0.305 0.360 0.339 0.276 0.295 0.339 0.318 0.318 0.360 0.385 0.351
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com