Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVFSW6C8 Datasheet(PDF) 4 Page - OPTEK Technologies

Part # OVFSW6C8
Description  4-Pin White LED Lamp (7.6mm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVFSW6C8 Datasheet(HTML) 4 Page - OPTEK Technologies

  OVFSW6C8 Datasheet HTML 1Page - OPTEK Technologies OVFSW6C8 Datasheet HTML 2Page - OPTEK Technologies OVFSW6C8 Datasheet HTML 3Page - OPTEK Technologies OVFSW6C8 Datasheet HTML 4Page - OPTEK Technologies OVFSW6C8 Datasheet HTML 5Page - OPTEK Technologies OVFSW6C8 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Issue 1.0
0505
Page 4
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
4-Pin White LED Lamp (7.6mm)
OVFSW6C8
Typical Electro-Optical Characteristics Curves
mA
Forward Current vs. Forward Voltage
V
100
80
60
40
20
0
3.2
3.6
4.0
4.4
4.8
5.2
nm
Relative Luminous Intensity vs. Wavelength
mA
0
20
40
60
80
100
50
40
30
20
10
0
R j –pin=250°C/ W
R j –a=400°C/ W
°C
Maximum Forward DC Current vs. Ambient
Temperature
Reverse Current vs. Reverse Voltage
A
-50
-40
-30
-20
-10
0
0
-10
-20
-30
-40
-50
V
100
80
60
40
20
0
Far Field Pattern
-90°
-60°
-30°
-0°
30°
60°
90°
50% Power Angle: 60°
400
500
600
700
800
100%
75%
50%
25%
0%
Half Power WL = 150nm
Relative Luminous Intensity vs. Forward Current
2.5
2.0
1.5
1.0
0.5
0
0
20
60
80
100
mA
%
40



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com