Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLSP04WNL Datasheet(PDF) 2 Page - Quelighting Corp

Part # QLSP04WNL
Description  This high output reflector type 3030 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP04WNL Datasheet(HTML) 2 Page - Quelighting Corp

  QLSP04WNL Datasheet HTML 1Page - Quelighting Corp QLSP04WNL Datasheet HTML 2Page - Quelighting Corp QLSP04WNL Datasheet HTML 3Page - Quelighting Corp QLSP04WNL Datasheet HTML 4Page - Quelighting Corp QLSP04WNL Datasheet HTML 5Page - Quelighting Corp QLSP04WNL Datasheet HTML 6Page - Quelighting Corp QLSP04WNL Datasheet HTML 7Page - Quelighting Corp QLSP04WNL Datasheet HTML 8Page - Quelighting Corp QLSP04WNL Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1
QLSP04WXL V1.0
Product Outline:
This high output reflector type 3030 LEDs are available in warm /neutral / pure and cold
white
to suit customer’s application. These 0.6W LEDs are equipped with heat sink to
enhance operating performance. With special binning technology, these LEDs are ideal for
architecture lighting and special lighting needs.
Features:
• High brightness output @ 65mA, max current is 200mA
• Package Dimension = 3.2mmX3.0mmX0.6mm
• CRI = 80 and above
• Available in warm/neutral/pure and cold white
• RoHS compliant
• Custom Bin available upon special request
Application:
• Architecture Lighting
• Garden Lighting
• Interior Lighting
Compliance and Certification:
www.quelighting.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com