Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLSP04WNL Datasheet(PDF) 8 Page - Quelighting Corp

Part # QLSP04WNL
Description  This high output reflector type 3030 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP04WNL Datasheet(HTML) 8 Page - Quelighting Corp

Back Button QLSP04WNL Datasheet HTML 4Page - Quelighting Corp QLSP04WNL Datasheet HTML 5Page - Quelighting Corp QLSP04WNL Datasheet HTML 6Page - Quelighting Corp QLSP04WNL Datasheet HTML 7Page - Quelighting Corp QLSP04WNL Datasheet HTML 8Page - Quelighting Corp QLSP04WNL Datasheet HTML 9Page - Quelighting Corp QLSP04WNL Datasheet HTML 10Page - Quelighting Corp QLSP04WNL Datasheet HTML 11Page - Quelighting Corp QLSP04WNL Datasheet HTML 12Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
7
QLSP04WXL V1.0
Cold White
6500~7000K
6000~6500K
A1
A2
A3
A4
A5
A6
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3028
0.3304
0.3041
0.324
0.3055
0.3177
0.3115
0.3393
0.3126
0.3324
0.3136
0.3256
0.3041
0.324
0.3055
0.3177
0.3068
0.3113
0.3126
0.3324
0.3136
0.3256
0.3146
0.3187
0.3126
0.3324
0.3136
0.3256
0.3146
0.3187
0.321
0.3408
0.3216
0.3334
0.3221
0.3261
0.3115
0.3393
0.3126
0.3324
0.3136
0.3256
0.3205
0.3481
0.321
0.3408
0.3216
0.3334
0.3028
0.3304
0.3041
0.324
0.3055
0.3177
0.3115
0.3393
0.3126
0.3324
0.3136
0.3256
Note :
(1). Correlated color temperature is derived from the CIE 1931 Chromaticity diagram
(2). Correspond with ANSI color temperature binning
(3). Measurement tolerance is +/- 0.01
Forward Voltage (VF) Bin:
VF rank
Code name
Condition
Low
High
9
65mA
2.7
2.8
0
65mA
2.8
2.9
1
65mA
2.9
3
2
65mA
3
3.1
3
65mA
3.1
3.2
The forward voltage tolerance is
± 0.1V
Luminous Flux Bin:
lm rank (lm)
Code name
Condition
Low
High
QL
65mA
25
28
QM
65mA
28
31.5
QN
65mA
31.5
36
luminous flux tolerance is
± 7%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com