Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLSP04WPL Datasheet(PDF) 5 Page - Quelighting Corp

Part # QLSP04WPL
Description  This high output reflector type 3030 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP04WPL Datasheet(HTML) 5 Page - Quelighting Corp

  QLSP04WPL Datasheet HTML 1Page - Quelighting Corp QLSP04WPL Datasheet HTML 2Page - Quelighting Corp QLSP04WPL Datasheet HTML 3Page - Quelighting Corp QLSP04WPL Datasheet HTML 4Page - Quelighting Corp QLSP04WPL Datasheet HTML 5Page - Quelighting Corp QLSP04WPL Datasheet HTML 6Page - Quelighting Corp QLSP04WPL Datasheet HTML 7Page - Quelighting Corp QLSP04WPL Datasheet HTML 8Page - Quelighting Corp QLSP04WPL Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
4
QLSP04WXL V1.0
◼
Electrical / Optical Characteristic
(T=25 oC)
Product
Color
IF(mA)
VF(V)
CCT
CRI
Efficiency
(typ.)
Luminous
Flux(lm)
Typ.
Max
Typ.(K)
Lm/W
min
typ.
QLSP04WW1L
Warm White
65
2.9
3.2
2700
80
151
25
29
QLSP04WW2L
Warm White
65
2.9
3.2
3000
80
159
25
29
QLSP04WNL
Netural White
65
2.9
3.2
4000
80
164
25
30
QLSP04WPL
Pure White
65
2.9
3.2
5000
80
166
28
31
QLSP04WC1L
Cold White
65
2.9
3.2
5700
80
166
28
31
QLSP04WC2L
Cold White
65
2.9
3.2
6500
80
166
28
31
(1) The Forward Voltage tolerance is ±0.1V
(2) The Color Rendering Index tolerance is ±2
(3) The luminous flux tolerance is ± 7%
◼ Absolute Maximum Rating
(T=25 oC)
Part #
Pd (mW)
IF (mA)
IFP (mA)*
VR (V)
TOP (oC)
TST (oC)
Tj
(oC)**
TSOL (oC)***
Rth(J-S)
(C/W)****
All White
660
200
300
5
-40
– 85
-40 - 100
120
260
16
*Duty 1/10 @ 10Khz
** Junction Temperature
*** IR Reflow for no more than 10 sec @ 260 oC
**** Thermal resistance is calculated from junction to solder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com