Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLSP04WPL Datasheet(PDF) 7 Page - Quelighting Corp

Part # QLSP04WPL
Description  This high output reflector type 3030 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP04WPL Datasheet(HTML) 7 Page - Quelighting Corp

Back Button QLSP04WPL Datasheet HTML 3Page - Quelighting Corp QLSP04WPL Datasheet HTML 4Page - Quelighting Corp QLSP04WPL Datasheet HTML 5Page - Quelighting Corp QLSP04WPL Datasheet HTML 6Page - Quelighting Corp QLSP04WPL Datasheet HTML 7Page - Quelighting Corp QLSP04WPL Datasheet HTML 8Page - Quelighting Corp QLSP04WPL Datasheet HTML 9Page - Quelighting Corp QLSP04WPL Datasheet HTML 10Page - Quelighting Corp QLSP04WPL Datasheet HTML 11Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
6
QLSP04WXL V1.0
3000~3200K
2900~3000K
G1
G2
G3
G4
G5
G6
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4299
0.4165
0.4248
0.4048
0.4198
0.3931
0.443
0.4212
0.4374
0.4093
0.4317
0.3973
0.4248
0.4048
0.4198
0.3931
0.4147
0.3814
0.4374
0.4093
0.4317
0.3973
0.4259
0.3853
0.4374
0.4093
0.4317
0.3973
0.4259
0.3853
0.4499
0.4138
0.4436
0.4015
0.4373
0.3893
0.443
0.4212
0.4374
0.4093
0.4317
0.3973
0.4562
0.426
0.4499
0.4138
0.4436
0.4015
0.4299
0.4165
0.4248
0.4048
0.4198
0.3931
0.443
0.4212
0.4374
0.4093
0.4317
0.3973
Neutral White
4000~4200K
3700~4000K
E1
E2
E3
E4
E5
E6
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3736
0.3874
0.3714
0.3775
0.3692
0.3677
0.3869
0.3958
0.3842
0.3855
0.3813
0.3751
0.3714
0.3775
0.3692
0.3677
0.367
0.3578
0.3842
0.3855
0.3813
0.3751
0.3783
0.3646
0.3842
0.3855
0.3813
0.3751
0.3783
0.3646
0.397
0.3935
0.3934
0.3825
0.3898
0.3716
0.3869
0.3958
0.3842
0.3855
0.3813
0.3751
0.4006
0.4044
0.397
0.3935
0.3934
0.3825
0.3736
0.3874
0.3714
0.3775
0.3692
0.3677
0.3869
0.3958
0.3842
0.3855
0.3813
0.3751
Pure White
5000~5300K
4700~5000K
C1
C2
C3
C4
C5
C6
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3376
0.3616
0.3373
0.3534
0.3369
0.3451
0.3463
0.3687
0.3456
0.3601
0.3448
0.3514
0.3373
0.3534
0.3369
0.3451
0.3366
0.3369
0.3456
0.3601
0.3448
0.3514
0.344
0.3428
0.3456
0.3601
0.3448
0.3514
0.344
0.3428
0.3539
0.3669
0.3526
0.3578
0.3514
0.3487
0.3463
0.3687
0.3456
0.3601
0.3448
0.3514
0.3552
0.376
0.3539
0.3669
0.3526
0.3578
0.3376
0.3616
0.3373
0.3534
0.3369
0.3451
0.3463
0.3687
0.3456
0.3601
0.3448
0.3514



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com