Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP39 Datasheet(PDF) 2 Page - Cirrus Logic

Part # MP39
Description  POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

MP39 Datasheet(HTML) 2 Page - Cirrus Logic

  MP39 Datasheet HTML 1Page - Cirrus Logic MP39 Datasheet HTML 2Page - Cirrus Logic MP39 Datasheet HTML 3Page - Cirrus Logic MP39 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
100V
BOOST VOLTAGE
±V
S ±20V
OUTPUT CURRENT, within SOA
25A
POWER DISSIPATION, internal
125W
INPUT VOLTAGE, differential
±20V
INPUT VOLTAGE, common mode
±V
B
TEMPERATURE, pin solder - 10s
200°C
TEMPERATURE, junction2
175°C
TEMPERATURE, storage
–40 to +105°C
OPERATING TEMPERATURE RANGE, case
–40 to +85°C
MP39 • MP39A
SPECIFICATIONS
NOTES: *
The specification of MP39A is identical to the specification for MP39 in applicable column to the left.
1.
Unless otherwise noted: T
C = 25°C, RC = 100Ω, CC = 470pF. DC input specifications are ± value given. Power supply voltage is
typical rating. ±V
B = ±VS.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF. For guidance, refer to the heatsink data sheet.
3.
Rating applies if the output current alternates between both output transistors at a rate faster than 60 Hz.
4.
The MP39 must be used with a heat sink or the quiescent power may drive the unit to junction temperatures higher than 175°C.
The MP39 is constructed from MOSFET transistors. ESD handling procedures must be observed.
CAUTION
MP39
MP39A
PARAMETER
TEST CONDITIONS 1
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
5
10
*
3
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
30
50
*
*
µV/°C
OFFSET VOLTAGE, vs. supply
15
*
µV/V
OFFSET VOLTAGE, vs. power
Full temperature range
30
*
µV/W
BIAS CURRENT, initial
10
200
*
100
pA
BIAS CURRENT, vs. supply
.01
*
pA/V
OFFSET CURRENT, initial
10
50
*
30
pA
INPUT IMPEDANCE, DC
1010
*
Ω
INPUT CAPACITANCE
20
*
pF
COMMON MODE VOLTAGE RANGE
Full temperature range
±V
B
15
±V
B
12
*
*
V
COMMON MODE REJECTION, DC
Full temp, range, V
CM= ±20V
86
98
*
*
dB
INPUT NOISE
100kHz BW, R
S = 1KΩ
10
*
µVrms
GAIN
OPEN LOOP, @15Hz
Full temperature range, C
C = 100pF
94
113
*
*
db
GAIN BANDWIDTH PRODUCT
I
O=10A
2
*
MHz
POWER BANDWIDTH
R
L=10Ω, VO = 90V p-p
40
*
kHz
C
C = 100pF
PHASE MARGIN
Full temperature range
60
*
°
OUTPUT
VO
LTAGE SWING
I
O=10A
±V
S
8.8 ±V
S
6.0
*
*
V
VOLTAGE SWING
±V
B = ±VS ±10V, IO=10A
±V
S
6.8 ±V
S
1.1
*
*
V
SETTLING TIME to .1%
A
V=+1,10V step, RL =4Ω
2.5
*
µs
SLEW RATE
A
V= –10, CC= 100pF
10
*
V/µs
CAPACITIVE LOAD
Full temperature range, A
V=+1
10
*
nF
RESISTANCE
4
*
Ω
CURRENT, CONTINUOUS
10
11
A
POWER SUPPLY
VOLT
AGE
Full temperature range
±15
±40
±50
*
*
*
V
CURRENT, quiescent, boost supply
22
*
mA
CURRENT, quiescent, total
26
*
mA
THERMAL
RESI
STANCE, AC, junction to case3
Full temperature range, F>60Hz
.9
*
°C/W
RESISTANCE, DC, junction to case
Full temperature range, F<60Hz
1.2
*
°C/W
RESISTANCE4, junction to air
Full temperature range
12
*
°C/W
TEMPERATURE RANGE, case
Meets full range specification
-40
85
*
*
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com