Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP39 Datasheet(PDF) 1 Page - Cirrus Logic

Part # MP39
Description  POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

MP39 Datasheet(HTML) 1 Page - Cirrus Logic

  MP39 Datasheet HTML 1Page - Cirrus Logic MP39 Datasheet HTML 2Page - Cirrus Logic MP39 Datasheet HTML 3Page - Cirrus Logic MP39 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
�
�
����
�
�
������
�����
�����
����
��
�
�
�
�
�
��
�����
�����������
�
��
�
��
�
��
���
��
���
���
���
���
��
�
��
�
�
�
�
��
�
��
���������������������
��
��
��
�����
�
�
��
�����
��
����
��
�����
FEATURES
• HIGH INTERNAL DISSIPATION — 125 Watts
• HIGH VOLTAGE, HIGH CURRENT — 100V, 10A
• HIGH SLEW RATE — 10V/µs
• 4 WIRE CURRENT LIMIT SENSING
• OPTIONAL BOOST VOLTAGE INPUTS
APPLICATIONS
• LINEAR AND ROTARY MOTOR DRIVES
• YOKE/MAGNETIC FIELD EXCITATION
• PROGRAMMABLE POWER SUPPLIES TO ±45V
• INDUSTRIAL AUDIO
• PACKAGE OPTION - DIP10 - DUAL-IN-LINE
DESCRIPTION
The MP39 is a cost-effective high voltage MOSFET power
operational amplifier constructed with surface mount com-
ponents on a thermally conductive but electrically isolated
substrate.
While the cost is low the MP39 offers many of the same
features and performance specifications found in much more
expensive hybrid power amplifiers.
The metal substrate allows the MP39 to dissipate power
up to 125 watts and its power supply voltages can range up
to +/- 50 Volts (100V total). Optional boost voltage inputs
allow the small signal portion of the amplifier to operate at
higher supply voltages than the high current output stage.
The amplifier is then biased to achieve close linear swings
to the supply rails at high current for extra efficient operation.
External compensation tailors performance to the user needs.
A four-wire sense technique allows current limiting without
the need to consider internal or external mili-ohm parasitic
resistance in the output line. An Iq pin is available which can
be used to shut off the quiescent current in the output stage.
The output stage then operates class C and lowers quiescent
power dissipation. This is useful in applications where output
crossover distortion is not important.
EQUIVALENT SCHEMATIC
* SEE "BYPASSING" PARAGRAPH
Phase Compensation
Gain
Cc
Rc
1
470pF
100Ω
≥ 3
220pF
Short
≥ 10
100pF
Short
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
�
��
�
�
�
��
�
�
��
��
�
�
��
�
�������������������
�
�
�
�
��
��
��
��
��
��
��
��
�
�
��
��
��
��
�
��
��
��
��
��
�
���
��
��
���
���
���
���
���
���
��
���
��
���
��
��
��
����
���
���
��
��
��
���
��
��
���
��
��
����
��
��
���
���
���
��
��
���
���
��
��
���
�����
�����
���
���
���
���
���
���
���
���
TYPICAL APPLICATION REF: APPLICATION NOTE 25
The high power bandwidth and high voltage output of the
MP39 allows driving ultra-sonic transducers via a resonant
circuit including the transducer and a matching transformer.
The load circuit appears resistive to the MP39.
��������������������������������������������������������������
� � � � � � � � � � � � � � �
���������������������������
�������������
EXTERNAL CONNECTIONS
30-pin DIP
PACKAGE STYLE CL


Similar Part No. - MP39

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3900 MPS-MP3900 Datasheet
281Kb / 13P
High Efficiency Boost Controller
MP3900DK MPS-MP3900DK Datasheet
281Kb / 13P
High Efficiency Boost Controller
MP3900DK MPS-MP3900DK Datasheet
223Kb / 4P
High Efficiency Boost Controller
MP3900DK MPS-MP3900DK Datasheet
371Kb / 6P
High Efficiency Flyback Converter EV Board
MP3900DK MPS-MP3900DK Datasheet
188Kb / 4P
High Efficiency Boost Controller EV Board
More results

Similar Description - MP39

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com