Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP230 Datasheet(PDF) 4 Page - Cirrus Logic

Part # MP230
Description  POWER OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

MP230 Datasheet(HTML) 4 Page - Cirrus Logic

  MP230 Datasheet HTML 1Page - Cirrus Logic MP230 Datasheet HTML 2Page - Cirrus Logic MP230 Datasheet HTML 3Page - Cirrus Logic MP230 Datasheet HTML 4Page - Cirrus Logic MP230 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
OPERATING
CONSIDERATIONS
MP230
GENERAL
Please read Application Note 1 “General Operating Consid-
erations” which covers stability, power supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.apexmicrotech.com for design tools
that help automate tasks such as calculations for stability,
internal power dissipation, current limit, heat sink selection,
Apex’s complete Application Notes library, Technical Seminar
Workbook and Evaluation Kits.
GROUND PINS
The MP230 has two ground pins (pins 2, 40). These pins
provide a return for the internal capacitive bypassing of the
small signal stages of the MP230. The two ground pins are not
connected together on the substrate. Both of these pins are
required to be connected to the system signal ground.
BALANCING RESISTOR SELECTION (RS1-RS4)
The MP230 uses parallel sets of output transistors. To ensure
that the load current is evenly shared among the transistors
external balancing resistors RS1-RS4 are required. To calculate
the required value for each of the resistors use: R = 4.5 / I2
,where I is the maximum expected output current. For example,
with a maximum output current of 10A each balancing resistor
should be 0.045 ohms. Each resistor dissipates 1.125W at the
maximum current. Use a
non-inductive 2W rated resistor. A
ready source for such resistors is the IRC resistor series LR
available from Mouser Electronics.
SAFE OPERATING AREA
The MOSFET output stage of the MP230 is not limited by
second breakdown considerations as in bipolar output stages.
Only thermal considerations and current handling capabilities
limit the SOA (see Safe Operating Area graph on previous
page). The output stage is protected against transient flyback
by the parasitic diodes of the output stage MOSFET structure.
However, for protection against sustained high energy flyback
external fast-recovery diodes must be used.
COMPENSATION
The external compensation capacitor CC is connected to
pins 4 and 6. Unity gain stability can be achieved with CC =
470pF for a minimum phase margin of 60 degrees. At higher
gains more phase shift can usually be tolerated and CC can be
reduced resulting in higher bandwidth and slew rate. Use the
typical operating curves as a guide to select CC. A 100V NPO
(COG) type capacitor is required. Boost operation requires more
compensation or higher gains than with normal operation due
to the increased capacitance of the output transistors when
the output signal swings close to the supply rails.
OVERVOLTAGE PROTECTION
Although the MP230 can withstand differential input voltages
up to ±25V, in some applications additional external protection
may be needed. 1N4148 signal diodes connected anti-parallel
across the input pins is usually sufficient. In more demanding
applications where bias current is important diode connected
JFETs such as 2N4416 will be required. See Q1 and Q2 in
Figure 1. In either case the differential input voltage will be
clamped to ±0.7V. This is sufficient overdrive to produce the
maximum power bandwidth. Some applications will also need
over-voltage protection devices connected to the power supply
rails. Unidirectional zener diode transient suppressors are
recommended. The zeners clamp transients to voltages within
the power supply rating and also clamp power supply reversals
to ground. Whether the zeners are used or not the system
power supply should be evaluated for transient performance
including power-on overshoot and power-off polarity reversals
as well as line regulation. See Z1 and Z2 in Figure 1.
POWER SUPPLY BYPASSING
Bypass capacitors to power supply terminals +VS and -VS
must be connected physically close to the pins to prevent local
parasitic oscillation in the output stage of the MP230. Use
electrolytic capacitors at least 10µF per output amp required.
Bypass the electrolytic capacitors with high quality ceramic
capacitors 0.1µF or greater. In most applications power
supply terminals +VB and -VB will be connected to +VS and -VS
respectively. Although +VB and -VB are bypassed internally it
is recommended to bypass +VB and -VB with 0.1µF externally.
Additionally, ground pins 2 and 40 must be connected to the
system signal ground.
CURRENT LIMIT
The two current limit sense lines are to be connected directly
across the current limit sense resistor. For the current limit to
work correctly pin 36 must be connected to the amplifier output
side and pin 35 connected to the load side of the current limit
resistor RLIM as shown in Figure 2. This connection will bypass
��
��
���
���
���
��
�
�
��
���
���
���
���
���
���
��
��
���
���
��
��
��������������������������������
��
���
��
�����
�����
��
��
��
����
��
��
��
���
������������������������������



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com