Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP230 Datasheet(PDF) 5 Page - Cirrus Logic

Part # MP230
Description  POWER OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

MP230 Datasheet(HTML) 5 Page - Cirrus Logic

  MP230 Datasheet HTML 1Page - Cirrus Logic MP230 Datasheet HTML 2Page - Cirrus Logic MP230 Datasheet HTML 3Page - Cirrus Logic MP230 Datasheet HTML 4Page - Cirrus Logic MP230 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
5
any parasitic resistances RP, formed by socket and solder joints
as well as internal amplifi er losses.The current limiting resistor
may not be placed anywhere in the output circuit except where
shown in Figure 2. The value of the current limit resistor can
be calculated as follows: RLIM = .65/ILIMIT
BOOST OPERATION
With the boost feature the small signal stages of the amplifier
are operated at a higher supply voltages than the amplifier’s
high current output stage. +VB (pin 1) and -VB (pin 38) are
connected to the small signal stages. An additional 10V on the
+VB and -VB pin is sufficient to allow the small signal stages
to drive the output stage into the triode region and improve
the output voltage swing for extra efficient operation when
required. When the boost feature is not needed +VS and
-VS are connected to +VB and -VB respectively. +VB and -VB
must not be operated at supply voltages less than +VS and
-VS respectively.
OPERATING
CONSIDERATIONS
MP230
SHUTDOWN
The output stage is turned off by applying a 5V level to HSD
(pin 8) relative to LSD (pin 7). This is a non-latching circuit. As
long as HSD remains high relative to LSD the output stage will
be turned off. LSD will normally be tied to signal ground but
LSD may float from -VB to +VB - 10V. Shutdown can be used
to lower quiescent current for standby operation or as part of
a load protection circuit.
BIAS CLASS OPTION
Normally pin 5 (Iq) is left open. But when pin 5 is connected
to pin 6 (Cc1) the quiescent current in the output stage is dis-
abled. This results in lower quiescent power, but also class
C operation of the output stage and the resulting crossover
distortion. In many applications, such as driving motors, the
distortion may be unimportant and lower standby power dis-
sipation is an advantage.
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
MP230U REV F DECEMBER 2004 © 2004 Apex Microtechnology Corp.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com