Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA260 Datasheet(PDF) 1 Page - Cirrus Logic

Part # MSA260
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

MSA260 Datasheet(HTML) 1 Page - Cirrus Logic

  MSA260 Datasheet HTML 1Page - Cirrus Logic MSA260 Datasheet HTML 2Page - Cirrus Logic MSA260 Datasheet HTML 3Page - Cirrus Logic MSA260 Datasheet HTML 4Page - Cirrus Logic MSA260 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
��������������������������������������������������������������
� � � � � � � � � � � � � � �
��������������������������������
������
FEATURES
• LOW COST
• HIGH VOLTAGE - 450 VOLTS
• HIGH OUTPUT CURRENT - 20 AMPS
• 9kW OUTPUT CAPABILITY
• VARIABLE SWITCHING FREQUENCY
• IGBT FULL BRIDGE OUTPUT
APPLICATIONS
• BRUSH MOTOR CONTROL
• MRI
• MAGNETIC BEARINGS
• CLASS D SWITCHMODE AMPLIFIER
DESCRIPTION
The MSA260 is a surface mount constructed PWM amplifier
that provides a cost effective solution in many industrial applica-
tions. The MSA260 offers outstanding performance that rivals
many much more expensive hybrid components. The MSA260
is a complete PWM amplifier including an oscillator, comparator,
error amplifier, current limit comparators, 5V reference, a smart
controller and a full bridge IGBT output circuit. The switching
frequency is user programmable up to 50 kHz. The MSA260 is
built on a thermally conductive but electrically insulating substrate
that can be mounted to a heatsink.
EQUIVALENT CIRCUIT DIAGRAM
58-PIN DIP
PACKAGE STYLE KC
TYPICAL APPLICATION
TORQUE MOTOR CONTROL
With the addition of a few external components the MSA260
becomes a motor torque controller. In the MSA260 the source
terminal of each low side IGBT driver is brought out for current
sensing via RSA and RSB. A1 is a differential amplifier that
amplifies the difference in currents of the two half bridges. This
signal is fed into the internal error amplifier that mixes the cur-
rent signal and the control signal. The result is an input signal
to the MSA260 that controls the torque on the motor.
EXTERNAL CONNECTIONS
�����
�����
�����
�����
����
����
����
����
�����
�����
�������
������
��
�������
���
���
���
���
��
����
��
�������������
�����������
�������
��
��
��
��
�
��������
���������
����
�����
�������
��
����
�������
�������
��
���������������������
���
��
����
���
���
��
����
�����
��
��
�����������������������������������������������
��������������������������������
������������������������������
���������������������������������������
����������������������������
VIEW FROM
COMPONENT SIDE
ROSC
RRAMP
+
SINGLE
POINT
GND
C3
C1
C2
������
�� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� ��
�
��
�
�
�
�
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
�� �� ��
�
�
���
�
�
���
�����
��������
���
�����
��������
���
���
�� ��
�� ��
��
��
��
�� ��
�����
���������
���
���������
�����
�����
�����
���
�����
�����
�����
�����
����������
�
�
�����
���
���
��
�
��
��
������
��
��
��
���
���
���
�
�
�
�
�����
���
������ ��
���
��������
��
���������
��
������
���
�������
��
����
��
�
������
��
�������
����
�����
�
�
��
��
��
�������
�������
�������
������
���
��
��
�
��
�������
��
������
������
��
��
����
����
�����
��
�������
�����
��
����������
������
���
�������
������
�����
��
��
��
��


Similar Part No. - MSA260

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MSA260 CIRRUS-MSA260 Datasheet
692Kb / 8P
Pulse Width Modulation Amplifier
More results

Similar Description - MSA260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA55 ETC-SA55 Datasheet
40Kb / 2P
PULSE WIDTH MODULATION AMPLIFIER
logo
Cirrus Logic
MSA240 APEX-MSA240 Datasheet
305Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA01 APEX-SA01 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA56 APEX-SA56 Datasheet
541Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305 Datasheet
562Kb / 6P
PULSE WIDTH MODULATION AMPLIFIER
SA03 APEX-SA03_06 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
MSA260 CIRRUS-MSA260 Datasheet
692Kb / 8P
Pulse Width Modulation Amplifier
SA56 APEX-SA56_07 Datasheet
370Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305_07 Datasheet
428Kb / 8P
PULSE WIDTH MODULATION AMPLIFIER
SA03 CIRRUS-SA03 Datasheet
210Kb / 5P
Pulse Width Modulation Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com