Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4953 Datasheet(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4953
Description  Dual P-Channel -30V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4953 Datasheet(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4953 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4953 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4953 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4953 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4953 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dual 20V P-Channel PowerTrench®
® MOSFET
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8L
www.sztuofeng.com
Feb,2018 V1.0
3
Typical Characteristics
0
10
20
30
0
1
2
3
4
5
6
-V
DS
, DRAIN TO SOURCE VOLTAGE (V)
V
GS
= -10V
-3.0V
-3.5V
-4.0V
-4.5V
V
-5.0V
V
-6.0V
0.8
1
1.2
1.4
1.6
1.8
2
0
6
12
18
24
30
-I
D
, DRAIN CURRENT (A)
V
GS=-4.0V
-4.0V
-6.0V
-7.0V
-8.0V
-10V
-5.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
175
T
J, JUNCTION TEMPERATURE (
oC)
I
D = -5A
V
GS
= -10V
0
0.05
0.1
0.15
0.2
0.25
2
4
6
8
10
-V
GS, GATE TO SOURCE VOLTAGE (V)
I
D = -2.5A
T
A = 125
oC
T
A = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
3
6
9
12
15
1
1.5
2
2.5
3
3.5
4
4.5
-V
GS
, GATE TO SOURCE VOLTAGE (V)
T
A
= -55oC
25
oC
125oC
V
DS
= -5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-V
SD , BODY DIODE FORWARD VOLTAGE (V)
V
GS
=0V
T
A = 125
oC
25oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.
4953



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com