Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4953 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4953
Description  Dual P-Channel -30V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4953 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4953 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4953 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4953 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4953 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4953 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dual 30V P-Channel PowerTrench®
® MOSFET
S
S
S
SO-8
G
D1
D1
D2
D2
S1
G1
S2
G2
Pin 1
SOP-8
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
4953
V(BR)DSS
RDS(on)MAX
ID
-30V
0.059Ω@-10.V
-5.3A
0.089Ω@-4.5V
P-Channel 30
- V(D-S) MOSFET
4953 Dual
SOP-8L
General FEATURE
●
TrenchFET Power MOSFET
●
Lead free product is acquired
●
Surface mount package
APPLICATION
●
Load Switch for Portable Devices
●
DC/DC Converter
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
Continuous Drain Current
ID
-5.3
Pulsed Drain Current
IDM
-20
A
Maximum Power Dissipation
PD
2.0
W
Thermal Resistance from Junction to Ambient(t ≤5s)
R θJA
℃/W
Junction Temperature
TJ
150
℃
Storage Temperature
Tstg
-55 ~+150
125
Equivalent Cir cuit
MARKING
www.sztuofeng.com
Feb,2018 V1.0
1
4953
o
TFCYWP
Y :year code W :week code
-
G1
D1
S1
G2
D2
S2


Similar Part No. - 4953

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
4953 HOTTECH-4953 Datasheet
536Kb / 5P
P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
4953 VBSEMI-4953 Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
logo
Dormer Pramet
495331 DORMER-495331 Datasheet
32Kb / 1P
Straight Flute Taps
logo
Shenzhen Tuofeng Semico...
4953B TUOFENG-4953B Datasheet
3Mb / 6P
Dual P-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
logo
GTM CORPORATION
4953SS GTM-4953SS Datasheet
309Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - 4953

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2329P ANALOGPOWER-AM2329P Datasheet
139Kb / 3P
P-Channel 30V (D-S) MOSFET
AM3455P ANALOGPOWER-AM3455P Datasheet
134Kb / 2P
P-Channel 30V (D-S) MOSFET
logo
Bookly Micro electronic
BM3401 BOOKLY-BM3401 Datasheet
202Kb / 5P
P-Channel 30V (D-S) 4.5A P-MOSFET
BM3407 BOOKLY-BM3407 Datasheet
106Kb / 5P
P-Channel 30V (D-S) 4A P-MOSFET
logo
Leshan Radio Company
LP8104DT1AG LRC-LP8104DT1AG Datasheet
414Kb / 5P
30V P-Channel (D-S) MOSFET
LP3401ALT1G LRC-LP3401ALT1G Datasheet
852Kb / 3P
P-Channel 30V( D - S) MOSFET VDS =-30V
LPB3408LT1G LRC-LPB3408LT1G Datasheet
525Kb / 5P
30V P-Channel (D-S) MOSFET VDS = -30V
logo
First Silicon Co., Ltd
FTK2303 FS-FTK2303 Datasheet
369Kb / 4P
P-Channel 30V(D-S) MOSFET
logo
TECH PUBLIC Electronics...
APM4953 TECHPUBLIC-APM4953 Datasheet
1Mb / 5P
Dual P-Channel 30V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com