Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4953B Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4953B
Description  Dual P-Channel 20-V(D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4953B Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4953B Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4953B Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4953B Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4953B Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4953B Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 4953B Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dual 20V P-Channel PowerTrench®
® MOSFET
S
S
S
SO-8
G
D1
D1
D2
D2
S1
G1
S2
G2
Pin 1
SO-8L
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
4953B
V(BR)DSS
RDS(on)MAX
ID
-20V
0.070Ω@-4.5V
-5.0A
0.110Ω@-2.5V
P-Channel 20-V(D-S) MOSFET
4953B Dual
SOP-8L
General FEATURE
●
TrenchFET Power MOSFET
●
Lead free product is acquired
●
Surface mount package
APPLICATION
●
Load Switch for Portable Devices
●
DC/DC Converter
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
Continuous Drain Current
ID
-5. 0
Pulsed Drain Current
IDM
-10
A
Continuous Source-Drain Diode Current
IS
-1.30
Maximum Power Dissipation
PD
1.0
W
Thermal Resistance from Junction to Ambient(t ≤5s)
R θJA
℃/W
Junction Temperature
TJ
150
℃
Storage Temperature
Tstg
-55 ~+150
125
4
3
2
1
5
6
7
8
Q1
Q2
Equivalent Cir cuit
MARKING
www.sztuofeng.com
Feb,2018 V1.0
1
4953B
o
TFCYWP
Y :year code W :week code


Similar Part No. - 4953B

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
4953 HOTTECH-4953 Datasheet
536Kb / 5P
P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
4953 VBSEMI-4953 Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
4953 TUOFENG-4953 Datasheet
3Mb / 5P
Dual P-Channel -30V(D-S) MOSFET
Feb,2018 V1.0
logo
Dormer Pramet
495331 DORMER-495331 Datasheet
32Kb / 1P
Straight Flute Taps
logo
GTM CORPORATION
4953SS GTM-4953SS Datasheet
309Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - 4953B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
Dual P-Channel 20-V (D-S) MOSFET
18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
Dual P-Channel 20-V (D-S) MOSFET
13-Jun-05
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
Dual P-Channel 20-V (D-S) MOSFET
29-Mar-04
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
Dual P-Channel 20-V (D-S) MOSFET
02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
Dual P-Channel 20 V (D-S) MOSFET
19-Jul-10
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
Dual P-Channel 20-V (D-S) MOSFET
14-May-07
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
Dual P-Channel 20-V (D-S) MOSFET
04-Aug-08
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
Dual P-Channel 20-V (D-S) MOSFET
02-Jun-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
Dual P-Channel 20-V (D-S) MOSFET
09-Mar-09
logo
VBsemi Electronics Co.,...
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com