Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN338 Datasheet(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # FDN338
Description  P-Channel 20-V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

FDN338 Datasheet(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  FDN338 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co FDN338 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co FDN338 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co FDN338 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co FDN338 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
1
2
3
4
5
0
2
4
6
8
10
-V
, DRAIN-SOURCE VOLTAGE (V)
V
= -4.5V
GS
-2.5
DS
-4.0
-3.0
-3.5
-2.0
-1.5
Typical Electrical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= -4.5V
GS
I = -1.6A
D
Figure 3. On-Resistance Variation
with Temperature.
0
1
2
3
4
0
2
4
6
8
10
-V
, GATE TO SOURCE VOLTAGE (V)
V
= -5V
DS
GS
T = -55°C
A
125°C
25°C
Figure 5. Transfer Characteristics.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.0001
0.001
0.01
0.1
1
10
-V
, BODY DIODE FORWARD VOLTAGE (V)
25°C
-55°C
V
= 0V
GS
SD
T = 125°C
J
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
1
2
3
4
5
0
0.1
0.2
0.3
0.4
0.5
-V
,GATE TO SOURCE VOLTAGE (V)
GS
25°C
T = 125°C
J
I = -0.8A
D
0
2
4
6
8
10
0.8
1
1.2
1.4
1.6
1.8
2
-I , DRAIN CURRENT (A)
V
= -2.0V
GS
D
-3.0
-3.5
-4.5
-4.0
-2.5
Figure 6 . Body Diode Forward Voltage
Variation with Source Current
and Temperature.
FDN338
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
www.sztuofeng.com
3
,2018 V1.0
Apr



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com