Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN338 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # FDN338
Description  P-Channel 20-V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

FDN338 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  FDN338 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co FDN338 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co FDN338 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co FDN338 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co FDN338 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Absolute Maximum Ratings T
A = 25
o
C unless other wise noted
Symbol
Parameter
FDN338
Units
V
DSS
Drain-Source Voltage
-20
V
V
GSS
Gate-Source Voltage - Continuous
±8
V
I
D
Drain/Output Current - Continuous
-1.6
A
- Pulsed
-5
P
D
Maximum Power Dissipation
(Note 1a)
0.5
W
(Note 1b)
0.46
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
FDN338
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
P-Channel 20-V(D-S) MOSFET
General FEATURE
●
TrenchFET Power MOSFET
●
Lead free product is acquired
●
Surface mount package
APPLICATION
●
Load Switch for Portable Devices
●
DC/DC Converter
SOT-23
MARKING
Equivalent Circuit
338T w
1.GATE
2.SOURCE
3.DRAIN
*w:week code
1
2
3
V(BR)DSS
RDS(on)MAX
ID
-20V
0.110Ω@-4.5V
-1.6A
0.150 Ω@-2.5V
FDN338
www.sztuofeng.com
1
,2018 V1.0
Apr


Similar Part No. - FDN338

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN338 FAIRCHILD-FDN338 Datasheet
85Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
FDN338P FAIRCHILD-FDN338P Datasheet
85Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Shenzhen Jin Yu Semicon...
FDN338P HTSEMI-FDN338P Datasheet
1Mb / 4P
20 V P-Channel Enhancement Mode MOSFET
logo
TECH PUBLIC Electronics...
FDN338P TECHPUBLIC-FDN338P Datasheet
1Mb / 3P
P-Channel 20-V(D-S) MOSFET
logo
Guangdong Youtai Semico...
FDN338P UMW-FDN338P Datasheet
601Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
More results

Similar Description - FDN338

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com