Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA3100W Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA3100W
Description  Silicon planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3100W Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA3100W Datasheet HTML 1Page - Panasonic Semiconductor MA3100W Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MA3100W
Silicon planer type
Constant voltage, constant current, waveform
cripper and surge absorption circuit
s Features
q Mini type package (4-pin)
q Two-element wiring in parallel of MA3100
s Absolute Maximum Ratings (Ta= 25˚C)
Unit : mm
s Internal Connection
Note 1. Rated input/output frequency : 5MHz
2. * 1 : The VZ value is for the temperature of 25˚C. In other cases, carry out the temperature compensation.
* 2 : Guaranteeed at 20ms after power application
* 3 : Tj= 25 to 125˚C
*1 With a printed-circuit board
*2 t=100µ s, Tj=125˚C
s Electrical Characteristics (Ta= 25˚C)*
1
Parameter
Average forward current
Instanious forward current
Total power dissipation
Non-repetitive reverse surge power dissipation
Junction temperature
Storage temperature
Symbol
IF(AV)
IF(AV)
IFRM
IFRM
Ptot*1
Ptot*1
PZSM*2
Tj
Tstg
Rating
100
75
200
150
150
110
15
125
– 55 to + 125
Unit
mA
mA
mA
mA
mW
mW
W
˚C
˚C
1 : Cathode 1
2 : Cathode 2
3 : Anode 2
4 : Anode 1
Mini Type Package (4-pin)
4
1
32
Single
Double
Single
Double
Single
Double
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65
±0.15
0.65
±0.15
0.5R
1
2
4
3
0.4
±0.2
0.1 to 0.3
Zener Diodes Composite Elements
MA111
Parameter
Forward voltage
Zener voltage
Operating resistance
Reverse current
Temperature coefficient of zener voltage
Terminal capacitance
Symbol
VF
VZ*2
RZK
RZ
IR1
IR2
SZ*3
Ct
Condition
IF=10mA
IZ= 5mA
IZ= 0.5mA
IZ= 5mA
VR= 7V
VR= 8.9V
IZ= 5mA
VR= 0V, f=1MHz
min
9.4
4.5
typ
0.8
10.0
8
6.4
70
max
0.9
10.6
130
20
0.2
60
8.0
90
Unit
V
V
Ω
Ω
µA
µA
mV/˚C
pF
s Marking
10W


Similar Part No. - MA3100W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3100WA PANASONIC-MA3100WA Datasheet
29Kb / 2P
Silicon planer type
MA3100WK PANASONIC-MA3100WK Datasheet
29Kb / 2P
Silicon planer type
More results

Similar Description - MA3100W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3047W PANASONIC-MA3047W Datasheet
30Kb / 2P
Silicon planer type
MA3056W PANASONIC-MA3056W Datasheet
19Kb / 1P
Silicon planer type
MA3075WA PANASONIC-MA3075WA Datasheet
28Kb / 2P
Silicon planer type
MA3075WK PANASONIC-MA3075WK Datasheet
27Kb / 2P
Silicon planer type
MA3082WA PANASONIC-MA3082WA Datasheet
18Kb / 1P
Silicon planer type
MA3100WA PANASONIC-MA3100WA Datasheet
29Kb / 2P
Silicon planer type
MA3130WA PANASONIC-MA3130WA Datasheet
19Kb / 1P
Silicon planer type
MA4Z082WA PANASONIC-MA4Z082WA Datasheet
26Kb / 2P
Silicon planer type
MAZE062D PANASONIC-MAZE062D Datasheet
16Kb / 1P
Silicon planer type
MAZK270D PANASONIC-MAZK270D Datasheet
18Kb / 1P
Silicon planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com