Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA3100W Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA3100W
Description  Silicon planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3100W Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA3100W Datasheet HTML 1Page - Panasonic Semiconductor MA3100W Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IF – VF
VF – Ta
IR – VR
IR – Ta
IZ – VZ
RZ – IZ
Ct – VR
PZSM – tW
Zener Diodes Composite Elements
MA3100W
Forward voltage
VF (V)
10–5
0
0.2
0.4
0.6
0.8
1.0
1.2
10–4
10–3
10–2
10–1
1
Ta=150˚C
100˚C
–20˚C
25˚C
Ambient temperature
Ta
(˚C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
–40
0
40
80
120
160
200
IF=100mA
10mA
3mA
10–13
02468
10
12
10–12
10–11
10–10
10–9
10–8
Reverse voltage
VR
(V)
Ta=150˚C
25˚C
100˚C
Ambient temperature
Ta (˚C)
0.1
–40
0
40
80
120
160
200
1
10
100
1000
10000
VR=7V
3V
1V
10–6
7
8
9
10
11
12
13
10–5
10–4
10–3
10–2
10–1
Zener voltage
VZ
(V)
100˚C
25˚C
Ta=–20˚C
150˚C
Zener current
IZ
(A)
10–1
10–4
1
10
102
103
10–3
10–2
10–1
0
20
40
60
80
100
02468
10
12
Reverse voltage
VR
(V)
1
0.01
10
100
1000
0.1
10
1
100
Pulse width
tW (ms)
Ta=25˚C
t
PZSM
Breakdown point (typ)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com