Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA97 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA97
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA97 Datasheet(HTML) 2 Page - Cirrus Logic

  PA97 Datasheet HTML 1Page - Cirrus Logic PA97 Datasheet HTML 2Page - Cirrus Logic PA97 Datasheet HTML 3Page - Cirrus Logic PA97 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
PARAMETER
TEST CONDITIONS 1
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
.5
5
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
10
50
µV/°C
OFFSET VOLTAGE, vs. supply
10
25
µV/V
OFFSET VOLTAGE, vs. time
75
µV/kh
BIAS CURRENT, initial
200
2000
pA
BIAS CURRENT, vs. supply
4
pA/V
OFFSET CURRENT, initial
50
500
pA
INPUT IMPEDANCE, DC
1011
Ω
INPUT CAPACITANCE
4
pF
COMMON MODE VOLTAGE RANGE3
V
S=±250V See Note 3
±V
S
30
V
COMMON MODE REJECTION, DC
V
CM = ±90V
80
98
dB
NOISE
10KHz BW, R
S = 1KΩ, CC = 10pF
2
µVrms
GAIN
OPEN LOOP, @ 15Hz
R
L = 5KΩ, CC = 10pF
94
111
dB
GAIN BANDWIDTH PRODUCT at 1MHz R
L = 5KΩ, CC = 10pF
1
MHz
POWER BANDWIDTH
R
L = 5KΩ, CC = 10pF
2
kHz
PHASE MARGIN, A
V = 100
Full temperature range
60
°
OUTPUT
VOLTAGE SWING3
I
O = 10mA
±V
S
24
±V
S
20
V
CURRENT, continuous
10
mA
SLEW RATE, A
V = 100
C
C = 10pF
8
V/µs
SETTLING TIME to .1%
C
C = 10pF, 2V step
2
µs
RESISTANCE
10mA Load
100
Ω
POWER SUPPLY
VOLTAGE5
See note 5
±50
±300
±450
V
CURRENT, quiescent,
.6
1
mA
THERMAL
RESISTANCE, AC, junction to case 4
Full temperature range, F > 60Hz
20
°C/W
RESISTANCE, DC, junction to case
Full temperature range, F < 60Hz
25
°C/W
RESISTANCE, junction to air
Full temperature range
40
°C/W
TEMPERATURE RANGE, case
–25
+85
°C
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
900V
OUTPUT CURRENT, source, sink
15mA, within SOA
POWER DISSIPATION, continuous @ T
C = 25°C
5W
INPUT VOLTAGE, differential3
±20V
INPUT VOLTAGE, common mode (See Text)
±V
S
TEMPERATURE, pin solder - 10s max
220°C
TEMPERATURE, junction2
150°C
TEMPERATURE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–55 to +125°C
PA97
SPECIFICATIONS
NOTES: 1. Unless otherwise noted: T
C = 25°C, DC input specifications are ± value given. Power supply voltage is typical rating. CC = 10pF.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
3. Although supply voltages can range up to ± 450V the input pins cannot swing over this range. The input pins must be at least
30V from either supply rail but not more than 500V from either supply rail. See text for a more complete description of the com-
mon mode voltage range.
4. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
5. Derate max supply rating .625 V/°C below 25°C case. No derating needed above 25°C case.
CAUTION
The PA97 is constructed from MOSFET transistors. ESD handling procedures must be observed.
The exposed substrate contains beryllia (BeO). Do not crush, machine, or subject to temperatures in excess of 850°C to
avoid generating toxic fumes.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com