Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA97 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA97
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA97 Datasheet(HTML) 1 Page - Cirrus Logic

  PA97 Datasheet HTML 1Page - Cirrus Logic PA97 Datasheet HTML 2Page - Cirrus Logic PA97 Datasheet HTML 3Page - Cirrus Logic PA97 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
TYPICAL APPLICATION
LOW POWER, PIEZOELECTRIC POSITIONING
Piezo positioning may be applied to the focusing of segment-
ed mirror systems. The composite mirror may be composed of
hundreds of elements, each requiring focusing under computer
control. In such complex systems the PA97 reduces the costs
of power supplies and cooling with its advantages of low cost
and low quiescent power consumption while increasing circuit
density with the SIP package.
EXTERNAL CONNECTIONS
* .01F or greater ceramic power supply bypassing required.
CC = 10pF minimum, 1kV NPO (COG).
PHASE COMPENSATION
GAIN
CC
≥10
10pF
FEATURES
• HIGH VOLTAGE — 900V (±450V)
• LOW QUIESCENT CURRENT — 600µA
• HIGH OUTPUT CURRENT — 10mA
APPLICATIONS
• MASS SPECTROMETERS
• SCANNING COILS
• HIGH VOLTAGE INSTRUMENTATION
• PROGRAMMABLE POWER SUPPLIES UP TO 880V
• SEMICONDUCTOR MEASUREMENT EQUIPMENT
DESCRIPTION
The PA97 is a high voltage MOSFET operational amplifier
designed as a low cost solution for driving continuous output
currents up to 10mA and pulse currents to 15mA into capacitive
loads. The safe operating area (SOA) has no second break-
down limitations. The MOSFET output stage is biased class
C for low quiescent current operation. External compensation
provides flexibility in choosing bandwidth and slew rate for the
application. APEX’s SIP05 package uses a minimum of board
space allowing for high density circuit boards.
EQUIVALENT SCHEMATIC
��������������������������������������������������������������
� � � � � � � � � � � � � � �
�����������������������������������������
����
�
�
����
��
�
�����������
�
��
�
��
���
�
��������
�����
�������
�������
�
�
�
�
��
�
�
��
�
��
��
��
��
��
��
��
��
���
���
��
��
��
��
�
�
��
���
���
��
���
���
��
�
�
�
��
���
���
���
���
���
���
���
���
����
����
�
�
�
�
�
��
��
�
�
���� ���� �
����
�����
����
����
���
�
��
PATENTED
7-PIN SIP
PACKAGE STYLE DR


Similar Part No. - PA97

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA97DR APEX-PA97DR Datasheet
233Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA97DR CIRRUS-PA97DR Datasheet
500Kb / 6P
Power Operational Amplifiers
PA97DR CIRRUS-PA97DR Datasheet
582Kb / 6P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
More results

Similar Description - PA97

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com