Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA50 Datasheet(PDF) 2 Page - Cirrus Logic

Part # SA50
Description  H-BRIDGE MOTOR DRIVER/AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA50 Datasheet(HTML) 2 Page - Cirrus Logic

  SA50 Datasheet HTML 1Page - Cirrus Logic SA50 Datasheet HTML 2Page - Cirrus Logic SA50 Datasheet HTML 3Page - Cirrus Logic SA50 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S
80V5
OUTPUT CURRENT, peak
7A
LOGIC SUPPLY VOLTAGE, Vcc
16V
POWER DISSIPATION, internal
120W1
TEMPERATURE, pin solder - 10s
300°C
TEMPERATURE, junction3
150°C
TEMPERATURE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–65 to +125°C
INPUT VOLTAGE
+1 to Vcc – 1.5 Vdc
SA50
SPECIFICATIONS
PARAMETER
TEST CONDITIONS2
MIN
TYP
MAX
UNITS
INPUT
ANALOG INPUT VOLTAGES
Vcc = 12V
MOTOR A, B = 50% Duty Cycle
6
Vdc
MOTOR A = 100% Duty Cycle High
8
Vdc
MOTOR B = 100% Duty Cycle High
4
Vdc
OUTPUT
Vds (ON) VOLTAGE, each MOSFET
Ids = 5A
1.25
1.8
Vdc
TOTAL Ron, both MOSFETs
0.5
Ω
EFFICIENCY, 5A OUTPUT
+V
S = 80V
95
%
SWITCHING FREQUENCY
40
45
50
Khz
CURRENT, continuous
5
A
CURRENT, peak
t = 100 msec
7
A
SWITCHING CHARACTERISTICS4
+V
S = 28V, Vcc = 12V, Ic =2A
RISE TIME
36
54
nS
FALL TIME
170
250
nS
DEAD TIME
100
nS
POWER SUPPLY
+V
S VOLTAGE
5
+V
S Current = Load Current
80
Vdc
Vcc VOLTAGE
9.5
12
15
Vdc
Vcc CURRENT
Vcc = 12Vdc
15
20
mA
THERMAL3
RESISTANCE, junction to case
Full temp range, for each transistor
2.0
°C/W
RESISTANCE, junction to air
Full temperature range
30
°C/W
TEMPERATURE RANGE, case
–25
+85
°C
The SA50 is constructed from MOSFET transistors. ESD handling procedures must be observed.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION
NOTES: 1. Each of the two active output transistors can dissipate 60W.
2. Unless otherwise noted: T
C = 25°C, Vcc = 12Vdc.
3. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF. For guidance, refer to the heatsink data sheet.
4. Guaranteed but not tested.
5. Derate to 70V below T
C = +25°C.
WARNING—AMPLIFIER PROTECTION
The SA50 contains an internal logic chip that turns on and
turns off output MOSFET drivers at a certain sequence. Noises
or oscillation caused by external wiring inductance, lack of
proper power supply bypass capacitors, ground, supply and
local internal loops, may be fed back to this logic chip and
cause it to turn on one or more MOSFET drivers at the wrong
time, thus destroying the SA50.
A well laid out PC board with
low impedance copper ground plane is necessary for the
SA50 to function properly. The Apex EK-SA50 evaluation
board is recommended for fast and easy breadboarding of
circuits using the SA50.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com