Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA50 Datasheet (PDF) - Cirrus Logic

SA50 Datasheet PDF - Cirrus Logic
Part # SA50
Download  SA50 Download
File Size   214.52 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description H-BRIDGE MOTOR DRIVER/AMPLIFIERS

SA50 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA50 Datasheet PDF - Cirrus Logic

Part # SA50
Download  SA50 Click to download

File Size   214.52 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description H-BRIDGE MOTOR DRIVER/AMPLIFIERS

SA50 Datasheet (HTML) - Cirrus Logic


SA50 Product details

DESCRIPTION
The SA50 is a pulse width modulation amplifier that can supply 5A continuous current to the load. The full bridge amplifier can be operated over a wide range of supply voltages. All of the drive/control circuitry for the lowside and highside switches are internal to the hybrid. The PWM circuitry is internal as well, leaving the user to only provide an analog signal for the motor speed/direction, or audio signal for switchmode audio amplification. The SA50 is packaged in a space efficient isolated 8-pin TO-3 that can be directly connected to a heatsink.

FEATURES
• LOW COST COMPLETE H-BRIDGE
• SELF-CONTAINED SMART LOWSIDE/HIGHSIDE DRIVE CIRCUITRY
• SINGLE SUPPLY OPERATION
• WIDE SUPPLY RANGE: UP TO 80V
• 5A CONTINUOUS OUTPUT
• HERMETIC SEALED PACKAGE
• HIGH EFFICIENCY: 95%
• FOUR QUADRANT OPERATION, TORQUE CONTROL CAPABILITY
• INTERNAL PWM GENERATION

APPLICATIONS
• BRUSH TYPE MOTOR CONTROL
• CLASS D SWITCHMODE AMPLIFIER
• REACTIVE LOADS
• MAGNETIC COILS (MRI)
• ACTIVE MAGNETIC BEARING
• VIBRATION CANCELLING




Similar Part No. - SA50

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Fairchild Semiconductor
SA50 FAIRCHILD-SA50 Datasheet
56Kb / 5P
DEVICES FOR BIPOLAR APPLICATIONS
logo
Bytes
SA50 BYTES-SA50 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA50 DCCOM-SA50 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SA50

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA60 APEX-SA60 Datasheet
209Kb / 4P
H-BRIDGE MOTOR DRIVER/AMPLIFIERS
logo
ATMEL Corporation
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
H-bridge Motor Driver
logo
Cirrus Logic
SA50CE CIRRUS-SA50CE Datasheet
191Kb / 5P
H-Bridge Motor Driver/Amplifiers
SA60 CIRRUS-SA60_09 Datasheet
183Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60_10 Datasheet
605Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
H-Bridge Motor Driver
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com