Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA50CE Datasheet (PDF) - Cirrus Logic

SA50CE Datasheet PDF - Cirrus Logic
Part # SA50CE
Download  SA50CE Download
File Size   191.02 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description H-Bridge Motor Driver/Amplifiers

SA50CE Datasheet (PDF)

Go To PDF Page Download Datasheet
SA50CE Datasheet PDF - Cirrus Logic

Part # SA50CE
Download  SA50CE Click to download

File Size   191.02 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description H-Bridge Motor Driver/Amplifiers

SA50CE Datasheet (HTML) - Cirrus Logic


SA50CE Product details

DESCRIPTION
The SA50CE is a pulse width modulation amplifier that can continuously supply 5A to the load. The full bridge amplifier can be operated over a wide range of supply voltages. All of the drive/control circuitry for the lowside and high side switches are internal to the hybrid. The PWM circuitry is internal as well, leaving the user to only provide an analog signal for the motor speed and direction, or audio signal for switchmode audio amplification. The SA50CE is packaged in a space efficient isolated 8-pin TO-3 that can be directly connected to a heatsink.

FEATURES
• LOW COST COMPLETE H-BRIDGE
• SELF-CONTAINED SMART LOWSIDE/HIGHSIDE DRIVE CIRCUITRY
• SINGLE ENDED SUPPLY OPERATION
• WIDE SUPPLY RANGE: UP TO 80V
• 5A CONTINUOUS OUTPUT
• HERMETIC SEALED PACKAGE
• HIGH EFFICIENCY: 95% TYPICAL
• FOUR QUADRANT OPERATION, TORQUE CONTROL CAPABILITY
• INTERNAL PWM GENERATION

APPLICATIONS
• BRUSH TYPE MOTOR CONTROL
• CLASS D SWITCHMODE AMPLIFIER
• REACTIVE LOADS
• MAGNETIC COILS (MRI)
• ACTIVE MAGNETIC BEARING
• VIBRATION CANCELLING




Similar Part No. - SA50CE

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA50CE APEX-SA50CE Datasheet
242Kb / 4P
H-BRIDGE MOTOR DRIVER/AMPLIFERS
More results


Similar Description - SA50CE

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA50 APEX-SA50 Datasheet
214Kb / 4P
H-BRIDGE MOTOR DRIVER/AMPLIFIERS
SA60 APEX-SA60 Datasheet
209Kb / 4P
H-BRIDGE MOTOR DRIVER/AMPLIFIERS
logo
ATMEL Corporation
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60_09 Datasheet
183Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60_10 Datasheet
605Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
H-Bridge Motor Driver
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com