Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA50CE Datasheet(PDF) 2 Page - Cirrus Logic

Part # SA50CE
Description  H-Bridge Motor Driver/Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA50CE Datasheet(HTML) 2 Page - Cirrus Logic

  SA50CE Datasheet HTML 1Page - Cirrus Logic SA50CE Datasheet HTML 2Page - Cirrus Logic SA50CE Datasheet HTML 3Page - Cirrus Logic SA50CE Datasheet HTML 4Page - Cirrus Logic SA50CE Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
SA50CE
2
SA50CEU
ABSOLUTEMAXIMUMRATINGS
SUPPLY VOLTAGE, +V
S
80V5
OUTPUT CURRENT, peak
7A
LOGIC SUPPLY VOLTAGE, Vcc
16V
POWER DISSIPATION, internal
72W1
TEMPERATURE, pin solder - 10s
300°C
TEMPERATURE, junction3
175°C
TEMPERATURE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–65 to +125°C
INPUT VOLTAGE
+1V to Vcc – 1.5 Vdc
SPECIFICATIONS
PARAMETER
TEST CONDITIONS2
MIN
TYP
MAX
UNITS
INPUT
ANALOG INPUT VOLTAGES
Vcc = 9.5V to 15V
MOTOR A, B = 50% Duty Cycle
V
CC /2
V
MOTOR A = 100% Duty Cycle High6
2V
CC /3
V
MOTOR B = 100% Duty Cycle High6
V
CC /3
V
OUTPUT
Vds (ON) VOLTAGE, each MOSFET
Ids = 5A
1.0
1.3
Vdc
TOTAL Ron, both MOSFETs
0.4
Ω
EFFICIENCY, 5A OUTPUT
+V
S = 80V
95
%
SWITCHING FREQUENCY
40
45
50
kHz
CURRENT, continuous
5
A
CURRENT, peak
t = 100 m-sec
7
A
SWITCHING CHARACTERISTICS4
+V
S = 28V, Vcc = 12V, Ic =2A
RISE TIME
36
54
ns
FALL TIME
170
250
ns
DEAD TIME
100
ns
POWER SUPPLY
+V
S VOLTAGE
5
+V
S I = Load I
80
V
Vcc VOLTAGE
9.5
12
15
V
Vcc CURRENT
Vcc = 12Vdc
20
30
mA
THERMAL3
RESISTANCE, junction to case
Full temp range, for each transistor
2.0
°C/W
RESISTANCE, junction to air
Full temperature range
30
°C/W
TEMPERATURE RANGE, case
–40
+85
°C
The SA50CE is constructed from MOSFET transistors. ESD handling procedures must be observed.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION
NOTES: 1. Each of the two active output transistors can dissipate 36W. This is an output FET rating only; normal operation at worst case
conditions and maximum duty cycle only causes 19 watts internal heat generation in each active output FET. Use 40 watts
maximum to size heatsink.
2. Unless otherwise noted: T
C = 25°C, Vcc = 12Vdc.
3. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF. For guidance, refer to the heatsink data sheet.
4. Guaranteed but not tested.
5. Derate linearly to 70V at – 40°C from T
C = +25°C.
WARNING—AMPLIFIERPROTECTION
The SA50CE contains an internal logic chip that turns on
and turns off output MOSFET drivers at a certain sequence.
Noises or oscillation caused by external wiring inductance,
lack of proper power supply bypass capacitors, ground, sup-
ply and local internal loops, may be fed back to this logic chip
and cause it to turn on one or more MOSFET drivers at the
wrong time, thus destroying the SA50CE. A well laid out PC
board with low impedance copper ground plane and excellent
bypassing is necessary for the SA50CE to function properly.
A low ESR high frequency bypass capacitor, such as a 0.1 µf
100V X7R ceramic, or better, should be mounted as close to
the Vs and ground pins as possible to avoid radiation of high
frequency transients on the power supply wiring. The Apex
Precision Power EK-SA50CE evaluation board is recommended
for fast and easy breadboarding of circuits using the SA50CE.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com