Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA50CE Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA50CE
Description  H-Bridge Motor Driver/Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA50CE Datasheet(HTML) 1 Page - Cirrus Logic

  SA50CE Datasheet HTML 1Page - Cirrus Logic SA50CE Datasheet HTML 2Page - Cirrus Logic SA50CE Datasheet HTML 3Page - Cirrus Logic SA50CE Datasheet HTML 4Page - Cirrus Logic SA50CE Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
SA50CE
SA50CEU
1
SA50CE
FEATURES
•LOWCOSTCOMPLETEH-BRIDGE
•SELF-CONTAINEDSMARTLOWSIDE/HIGHSIDEDRIVE
CIRCUITRY
•SINGLEENDEDSUPPLYOPERATION
•WIDESUPPLYRANGE:UPTO80V
•5ACONTINUOUSOUTPUT
•HERMETICSEALEDPACKAGE
•HIGHEFFICIENCY:95%TYPICAL
•FOURQUADRANTOPERATION,TORQUE
CONTROLCAPABILITY
•INTERNALPWMGENERATION
APPLICATIONS
•BRUSHTYPEMOTORCONTROL
•CLASSDSWITCHMODEAMPLIFIER
•REACTIVELOADS
•MAGNETICCOILS(MRI)
•ACTIVEMAGNETICBEARING
•VIBRATIONCANCELLING
DESCRIPTION
The SA50CE is a pulse width modulation amplifier that can
continuously supply 5A to the load. The full bridge amplifier
can be operated over a wide range of supply voltages. All of
the drive/control circuitry for the lowside and high side switches
are internal to the hybrid.The PWM circuitry is internal as well,
leaving the user to only provide an analog signal for the mo-
tor speed and direction, or audio signal for switchmode audio
amplification. The SA50CE is packaged in a space efficient
isolated 8-pinTO-3 that can be directly connected to a heatsink.
BLOCKDIAGRAM
TYPICALAPPLICATIONS
EXTERNALCONNECTIONS
+VS
(LOAD)
(CURRENT)
H-BRIDGE
DRIVE
CIRCUITRY
45KHz
PWM
GENERATOR
RSENSE B
GND
INPUT
VCC
(+12V)
RSENSE A
B
A
Vcc
AUDIO
INPUT
+VS
+VS
SPEAKER
GND
SA50CE
SA50CE
DC MOTOR
ANALOG
INPUT
GND
Vcc
TOP VIEW
1
2
3
4
5
6
7
8
Vcc
GND
RSENSE A
A OUT
INPUT
RSENSE B
B OUT
+VS
8-PINTO-3
PACKAGESTYLECE
H-Bridge Motor Driver/Amplifiers
SA50CE
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MAY 2009
APEX − SA50CEUREVB


Similar Part No. - SA50CE

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA50CE APEX-SA50CE Datasheet
242Kb / 4P
H-BRIDGE MOTOR DRIVER/AMPLIFERS
More results

Similar Description - SA50CE

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA50 APEX-SA50 Datasheet
214Kb / 4P
H-BRIDGE MOTOR DRIVER/AMPLIFIERS
SA60 APEX-SA60 Datasheet
209Kb / 4P
H-BRIDGE MOTOR DRIVER/AMPLIFIERS
logo
ATMEL Corporation
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60_09 Datasheet
183Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60_10 Datasheet
605Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com