Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA50CE Datasheet(PDF) 3 Page - Cirrus Logic

Part # SA50CE
Description  H-Bridge Motor Driver/Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA50CE Datasheet(HTML) 3 Page - Cirrus Logic

  SA50CE Datasheet HTML 1Page - Cirrus Logic SA50CE Datasheet HTML 2Page - Cirrus Logic SA50CE Datasheet HTML 3Page - Cirrus Logic SA50CE Datasheet HTML 4Page - Cirrus Logic SA50CE Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
SA50CE
SA50CEU
3
T J=
125°C
T J=
75°C
T J=
25°C
VOLTAGE DROP (V), BOTH FETs
4
0
5
4
3
2
1
5
3
2
1
0
OUTPUT CURRENT, (A)
1
2
5
10
20
50
100
0
100
200
300
400
500
H-BRIDGE FET CAPACITANCE
DRAIN-TO-SOURCE VOLTAGE, (V)
–40
120
0.25
0.35
0.45
0.75
0.85
0.95
1.05
INPUT CURRENT VS TEMP
0.55
0.65
–20 0
20
40 60 80 100
CASE TEMPERATURE, (°C)
JUNCTION TEMPERATURE (°C)
–60
180
–20
20
60
100
140
OUTPUT RESISTANCE DRIFT
0
0.5
1
1.5
2
2.5
MAXIMUM INTERNAL
POWER @ 5A, 80V
POWER DERATING
SINGLE FET POWER CAPABILITY
TEMPERATURE, °C
-50 -25 0 25 50 75 100 125 150 175
50
40
35
30
25
20
15
10
5
0
45
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT, (A)
2
5
4
3
1
96
100
98
96
94
92
90
88
V
S =
80V
V
S
= 20V
V
S =
40V
V
S =
60V
90% DUTY CYCLE
L/R > 75µ-sec
EFFICIENCY vs. POWER SUPPLY VOLTAGE
SUPPLY VOLTAGE, V
S (V)
I
O = 1A
80
70
60
50
40
30
20
10
0
100
98
96
94
92
90
88
86
84
I
O = 5A
I
O = 4A
I
O = 3A
I
O = 2A
90% DUTY CYCLE
L/R > 75µ-sec



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com