Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6406 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 6406
Description  30V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

6406 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  6406 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
30
36
V
VDS=30V, VGS=0V
1
IGSS
10
uA
VGS(th)
Gate Threshold Voltage
1.3
1.8
2.4
V
2.1
Ω
gFS
130
S
VSD
0.67
1
V
IS
140
Ciss
4300
5200
pF
Coss
720
pF
Crss
420
pF
Rg
1
2
3
Ω
Qg(10V)
70
100
nC
Qg(4.5V)
33
nC
Qgs
10
nC
Qgd
15
nC
tD(on)
10
ns
tr
6.5
ns
tD(off)
75
ns
tf
18
ns
trr
30
ns
SWITCHING PARAMETERS
Maximum Body-Diode Continuous Current
G
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VGS=10V, VDS=15V, RL=0.75Ω,
RGEN=3Ω
Reverse Transfer Capacitance
VGS=0V, VDS=15V, f=1MHz
µ
Turn-Off DelayTime
VGS=10V, VDS=15V, ID=20A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
Body Diode Reverse Recovery Time
Turn-Off Fall Time
Total Gate Charge
IF=20A, dI/dt=500A/µs
Turn-On Rise Time
Static Drain-Source On-Resistance
Diode Forward Voltage
VDS=5V, ID=20A
VGS=4.5V, ID=20A
Forward Transconductance
IS=1A,VGS=0V
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
m
Ω
IDSS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
µA
Zero Gate Voltage Drain Current
Gate-Body leakage current
VDS=VGS ID=250µA
VDS=0V, VGS= ±16V
VGS=10V, ID=20A
RDS(ON)
Qrr
15
nC
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation PDSM is based on R θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design, and the maximum temperature of 150
°
C may be used if the PCB allows it.
B. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep initial
TJ =25°C.
D. The RθJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C.
6406
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
N-Channel Enhancement Mode Power MOSFET
www.sztuofeng.com
Feb,2018 V1.0
2
2.5
m
3.5
2.6
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com