Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6406 Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

6406 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # 6406
Download  6406 Download
File Size   3563.47 Kbytes
Page   7 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description 30V N-Channel MOSFET

6406 Datasheet (PDF)

Go To PDF Page Download Datasheet
6406 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # 6406
Download  6406 Click to download

File Size   3563.47 Kbytes
Page   7 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description 30V N-Channel MOSFET

6406 Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


6406 Product details

General Features
VDS=30V
ID (at VGS=10V)=140A
RDS(ON) (at VGS=10V) 2.5m Ω
RDS(ON) (at VGS=4.5V) 3.5m Ω
100% UIS Tested
100% Rg Tested
• Latest Trench Power LV technology
• Very Low RDS(on) at 4.5VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant

Application
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial




Similar Part No. - 6406

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6406 ALPHAWIRE-6406 Datasheet
409Kb / 4P
24 (7/32) AWG Tinned Copper
logo
Belden Inc.
64060 BELDEN-64060 Datasheet
549Kb / 4P
PROFIBUS Data Double-Ended Cordset
02-03-2025
logo
Tyco Electronics
640600 MACOM-640600 Datasheet
2Mb / 84P
MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
640601 MACOM-640601 Datasheet
2Mb / 84P
MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
640602 MACOM-640602 Datasheet
2Mb / 84P
MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
More results


Similar Description - 6406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com