Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF080P02M Datasheet(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF080P02M
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF080P02M Datasheet(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF080P02M Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF080P02M Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF080P02M Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF080P02M Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF080P02M Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Fig.1 Gate-Charge Characteristics
Fig.2 Capacitance Characteristics
Fig.3 Power Dissipation Derating Curve
Fig.4 Typical output Characteristics
Fig.5 Threshold Voltage V.S Junction Temperature
Fig.6 Resistance V.S Drain Current
0
1
3
5
7
9
0
10
20
30
0
0.2
0.4
0.6
0.8
1
1.2
0
50
100
150
200
Temperature (。C)
0
50
100
0
0.5
1
1.5
2
Drain-Source voltage (V)
0
-0.5
-1.0
-50
50
150
Junction Temperature
18
15
12
9
6
3
0
0
25
Drain Current(A)
50
VGS=-2.5V
VGS=-4.5V
VDS=-15V
ID=-15A
5000
4000
3000
2000
700
600
500
300
100
0
10
20
30
Ciss
Coss
Crss
Shenzhen Tuofeng Semiconductor Technology Co., Ltd
P -CHANNEL ENHANCEMENT MODE POWER MOSFET
3
www.sztuofeng.com
Dec 2021 V1.0
TF080P02M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com