Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF080P02M Datasheet(PDF) 5 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF080P02M
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF080P02M Datasheet(HTML) 5 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF080P02M Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF080P02M Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF080P02M Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF080P02M Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF080P02M Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Shenzhen Tuofeng Semiconductor Technology Co., Ltd
P -CHANNEL ENHANCEMENT MODE POWER MOSFET
5
www.sztuofeng.com
Dec 2021 V1.0
Min.
Max.
Min.
Max.
A
0.650
0.850
0.026
0.033
A1
A2
D
2.900
3.100
0.114
0.122
D1
2.300
2.600
0.091
0.102
E
2.900
3.100
0.114
0.122
E1
3.150
3.450
0.124
0.136
E2
1.535
1.935
0.060
0.076
b
0.200
0.400
0.008
0.016
e
0.550
0.750
0.022
0.030
L
0.300
0.500
0.012
0.020
L1
0.180
0.480
0.007
0.019
L2
L3
H
0.315
0.515
0.012
0.020
θ
9°
13°
9°
13°
0~0.05
0~0.002
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.152 REF.
0.006 REF.
0~0.100
0~0.004
0~0.100
0~0.004
TF080P02M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com