Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF207P Datasheet(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF207P
Description  P-Channel -20V(D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF207P Datasheet(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF207P Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF207P Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF207P Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF207P Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF207P Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF207P Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.sztuofeng.com
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
3
SOT-23-3L Plastic-Encapsulate MOSFETS
TF207P
Typical Electrical and Thermal Characteristics
Figure 1 Switching Test Circuit
Figure 3 Power Dissipation
Vds Drain-Source Voltage (V)
Figure 5 Output Characteristics
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
Figure 2 Switching Waveforms
TJ-Junction Temperature(℃)
Figure 4 Drain Current
ID- Drain Current (A)
Figure 6 Drain-Source On-Resistance
0
1
2
0
25
50
75
100
125
150
Power Dissipation
TJ-Junction Temperature(℃)
5
10
15
20
25
Dec 2020 V1.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com