Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF207P Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF207P
Description  P-Channel -20V(D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF207P Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF207P Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF207P Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF207P Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF207P Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF207P Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF207P Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.sztuofeng.com
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
1
P-Channel 20
- V(D-S) MOSFET
SOT-23-3L
1.GATE
2.SOURCE
3.DRAIN
w
1
2
3
TF207P
207P
SOT-23-3L Plastic-Encapsulate MOSFETS
TF207P
Y
Dec 2020 V1.1
ABSOLUTE MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
20
Gate-Source Voltage
VGS
±12
-9
V
Continuous Drain Current
ID
A
Pulsed Drain Current (note 1)
IDM
-25
A
Thermal Resistance from Junction to Ambient (note 2)
RθJA
100
℃/W
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55~+150
℃
Lead Temperature for Soldering Purposes(1/8’’ from case for 10 s)
TL
260
℃
V
V(BR)DSS
RDS(on)
ID
20V
17mΩ @ 4.5V
- 9.0A
19mΩ @ 2.5V
MARKING
Equivalent Circuit
FEATURE
TrenchFET Power MOSFET
Excellent RDS(on)
Low Gate Charge
High Power and Current Handing Capability
Surface Mount Package
APPLICATION
Load Switch
Power Management
Max
Y :year code W :week code
-
G
D
S
-
-
-


Similar Part No. - TF207P

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TF207 TAITRON-TF207 Datasheet
127Kb / 4P
2.0A Fast Recovery Rectifier
TF207G TAITRON-TF207G Datasheet
126Kb / 4P
2.0A Glass Passivated Fast Recovery Rectifier
logo
Shenzhen Tuofeng Semico...
TF207N TUOFENG-TF207N Datasheet
2Mb / 5P
N-Channel 20-V(D-S)
Sep 2019 V1.0
More results

Similar Description - TF207P

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJL3415 JIANGSU-CJL3415 Datasheet
797Kb / 5P
P-Channel 20V(D-S) MOSFET
logo
Leshan Radio Company
LP0404N3T5G LRC-LP0404N3T5G Datasheet
1Mb / 5P
20V, P-Channel (D-S) MOSFET
LP2317DT2AG LRC-LP2317DT2AG Datasheet
882Kb / 5P
20V P-Channel (D-S) MOSFET
LP8207DT1AG LRC-LP8207DT1AG Datasheet
320Kb / 5P
20V P-Channel (D-S) MOSFET
LP8217DT1AG LRC-LP8217DT1AG Datasheet
220Kb / 3P
20V P-Channel (D-S) MOSFET
LP4217T1G LRC-LP4217T1G Datasheet
256Kb / 3P
20V P-Channel (D-S) MOSFET VDS = -20V
logo
First Silicon Co., Ltd
FTK0404PSOT883 FS-FTK0404PSOT883 Datasheet
563Kb / 5P
20V, P-Channel (D-S) MOSFET
FTK3415L FS-FTK3415L Datasheet
484Kb / 4P
P-Channel 20V(D-S) MOSFET
logo
DinTek Semiconductor Co...
DTQ3215 DINTEK-DTQ3215 Datasheet
296Kb / 7P
P-Channel 20V (D-S) MOSFET
DTQ3221 DINTEK-DTQ3221 Datasheet
298Kb / 8P
P-Channel 20V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com