Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF3400B Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF3400B
Description  N-Channel 30-V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF3400B Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF3400B Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF3400B Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF3400B Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF3400B Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF3400B Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
65
90
85
125
RθJL
43
60
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
±12
Gate-Source Voltage
Drain-Source Voltage
30
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
Pulsed Drain Current
B
25
Power Dissipation
A
TA=25°C
Junction and Storage Temperature Range
A
PD
°C
1.0
-55 to 150
ID
5.0
N-Channel 30-V(D-S) MOSFET
Features
VDS (V) = 30V
ID = 4.8 A (VGS = 10V)
RDS(ON) <
m
Ω (VGS = 10V)
RDS(ON) <
m
Ω (VGS = 4.5V)
RDS(ON) < 42mΩ (VGS = 2.5V)
30
35
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23
Plastic-Encapsulate MOSFETS
www.sztuofeng.com
Oct.2021 V1.1
1
V(BR)DSS
RDS(on)MAX
ID
30V
0.038Ω@ 4.5V
5A
0.048Ω@ 2.5V
0.033Ω@ 10V
SOT-23
MARKING
Equivalent Circuit
1.GATE
2.SOURCE
3.DRAIN
*w:week code
A0BTF
w
1
2
3
General FEATURE
APPLICATION
●
Load Switch for Portable Devices
●
DC/DC Converter
●
TrenchFET Power MOSFET
●
Lead free product is acquired
●
Surface mount package
TF3400B
TF3400B


Similar Part No. - TF3400B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TF3400 TUOFENG-TF3400 Datasheet
3Mb / 6P
N-Channel 30-V(D-S) MOSFET
Feb,2018 V1.1
TF3400C TUOFENG-TF3400C Datasheet
3Mb / 5P
N-Channel 30-V(D-S) MOSFET
Apr.2022 V1.0
More results

Similar Description - TF3400B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com