Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF3400B Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF3400B
Description  N-Channel 30-V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF3400B Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF3400B Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF3400B Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF3400B Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF3400B Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF3400B Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
IGSS
100
nA
VGS(th)
0.
6
ID(ON)
30
A
m
Ω
m
Ω
gFS
10
15
S
VSD
0.71
1
.2
V
IS
2.5
A
Ciss
Coss
Crss
Rg
1.2
3.6
Ω
Qg
9.7
12
nC
Qgs
1.6
nC
Qgd
3.1
nC
tD(on)
3.3
5
ns
tr
4.8
7
ns
tD(off)
26.3
40
ns
tf
4.1
6
ns
trr
16
20
ns
Qrr
8.9
12
nC
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
IF=5A, dI/dt=100A/µs
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=4.5V, VDS=15V, ID=5.0A
Gate Source Charge
Gate Drain Charge
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=2.7Ω,
RGEN=3Ω
m
Ω
VGS=4.5V, ID=4.0A
IS=1A,VGS=0V
VDS=5V, ID=5.0A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=250µA
VDS=25V, VGS=0V
VDS=0V, VGS=±12V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=5A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=2.5V, ID=3.0A
VGS=4.5V, VDS=5V
VGS=10V, ID=5.0A
Reverse Transfer Capacitance
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C.
The value in any given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal
resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C. The
SOA curve provides a single pulse rating.
Rev 4 : June 2005
28
35
33
38
48
38
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
www.sztuofeng.com
2
1.0
V
SOT-23
Plastic-Encapsulate MOSFETS
0.8
TF3400B
Oct.2021 V1.1
605
pF
62
pF
48
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com