Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03440802Z Datasheet(PDF) 1 Page - Littelfuse

Part # 03440802Z
Description  344/348 Series Blown Fuse Indicating / Low Profile Holders for 3AB/3AG Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

03440802Z Datasheet(HTML) 1 Page - Littelfuse

  03440802Z Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Cartridge Fuse Holders
© 2019 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/20/19
Enclosed Fuseholders > Panel Mounted
RoHS
Pb
Product Characteristics
Dimensions
Compatible Fuses
For 3AB/3AG Type Fuses
Features
Low profile design
Blown fuse indicator
Electrical
348 Series: Rated at 15 amps for any voltage up to
250 volts.
344 Series: Rated at 15 amps at lamp voltage shown
below.
Dielectric Strength
1500 volts minimum. When designing indicating
type fuseholders into a circuit, consideration should
be given to the resistance of fractional amperage
fuses and the parallel resistance of the indicator
lamp and its resistor.
Mounting
Panel thickness range: .031” through .125”.
Molded Parts
Black thermoplastic body (UL94 V-0). Thermoplastic
bezel, cap and lens (UL94 V-2). See tables below for
colors.
Terminals
Brass. Tin-plated.
Ambient
Temperature
Non-indicating: –40ºC to +85ºC.
Indicating: –40ºC to +60ºC.
Fuse Installation
Insert the fuse into the cap and push the assembly
into the body until it latches. Press in and down to
unlatch for removal.
NOTE: Refer to Fuseology for information on proper fuseholder re-rating.
Ordering Information
Catalog Number
Lamp
Type
Lamp
Voltage
Lamp
Current
Resistor
Lens
Color
3/16” Q.C.
Terminals
1/4” Q.C.
Terminals
03440601Z 03440801Z Incande-scent
6
40 ma
No
Amber
03440602Z 03440802Z Incande-scent
14
80 ma
No
Amber
03440603Z 03440803Z Incande-scent
28
40 ma
No
Amber
03440604Z 03440804Z
Neon
120
1.2 ma
Yes
Clear
03440605Z 03440805Z
Neon
240
.3 ma
Yes
Clear
NOTE:
Standard Body and Bezel color is black. Other Bezel colors may be available as special order.
Please contact Littelfuse for additional information and detailed arrangements.
Side
Front
Top
344 Series
.85"
1.95"
(WITH FUSE
ASSEMBLED)
.53"
.4"
.87"
.42"
.054" DIA.
344 800 SERIES
.250" X .032"
344 600 SERIES
.187" X .020"
NEMA Q.C.
.054" DIA.
FUSE
PRESS
.85"
1.95"
(WITH FUSE
ASSEMBLED)
Side
Front
Top
.28"
.4"
.87"
.42"
.054" DIA.
348 800 SERIES
.250" X .032"
348 600 SERIES
.187" X .020"
NEMA Q.C.
.054" DIA.
348 Series
Lens/Cap Bezel Body
Cap Bezel Body
Recommended
mounting hole
.625
Sq.
Note: Standard Body and Bezel color is black. Other Bezel colors are available as special order.
348 Series (Low Profile)
344 Series (Indicating)
344/348 Series Blown Fuse Indicating / Low Profile Holders for 3AB/3AG Fuses
Catalog Number
Bezel Color
Cap Color
3/16” Q.C.
Terminals
1/4” Q.C.
Terminals
03480671Z
03480871Z
Black
Red
03480677Z
03480877Z
Black
Black
NOTE:
Standard Body and Bezel color is black. Other Bezel and Cap colors may be available as special order.
Please contact Littelfuse for additional information and arrangments.
Additional Information
Datasheet
Samples
Resources
Datasheet
Samples
Resources
344 Series
348 Series
344 Series
348 Series
344 Series
348 Series
Specifications are subject to change without notice. Application testing is strongly recommended.
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the
suitability of and test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all
applications. Read complete Disclaimer Notice at: www.littelfuse.com/disclaimer-electronics.


Similar Part No. - 03440802Z

ManufacturerPart #DatasheetDescription
logo
Littelfuse
03440024H LITTELFUSE-03440024H Datasheet
138Kb / 1P
Blown Fuse Indicating Holders for 3AG and 3AB Fuses
12/15/25
03440125H LITTELFUSE-03440125H Datasheet
138Kb / 1P
Blown Fuse Indicating Holders for 3AG and 3AB Fuses
12/15/25
03440250H LITTELFUSE-03440250H Datasheet
138Kb / 1P
Blown Fuse Indicating Holders for 3AG and 3AB Fuses
12/15/25
logo
Weidmuller
0344060000 WEIDMULLER-0344060000 Datasheet
1Mb / 52P
SAK-series
More results

Similar Description - 03440802Z

ManufacturerPart #DatasheetDescription
logo
Littelfuse
354 LITTELFUSE-354 Datasheet
100Kb / 1P
Fuse Blocks and Clips - For 3AG Fuses
356001 LITTELFUSE-356001 Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
PCB fuse holders for 5x20mm fuses
logo
Littelfuse
155 LITTELFUSE-155 Datasheet
479Kb / 1P
155 Series Twist-Lock In-Line Holders for 3AG/AB Fuses
01550104ZXU LITTELFUSE-01550104ZXU_V01 Datasheet
162Kb / 1P
155100 Series Twist-Lock In-Line Holders for 3AG/AB Fuses
Revised: GD. 06/07/22
03400312Z_0V1 LITTELFUSE-03400312Z_0V1 Datasheet
448Kb / 1P
340 Series RF Shielded / Watertight Panel Mount Fuse Holders for 3AB/3AG Fuses
Revised: 12/10/19
03420025Z LITTELFUSE-03420025Z_V01 Datasheet
401Kb / 2P
342 Military Series Panel Mount Enclosed Fuseholders for 3AB/3AG/F02/F03 Fuses
Revised: GD. 07/31/21
124 LITTELFUSE-124 Datasheet
367Kb / 2P
High Current Cartridge Fuse Clips 124 Series > For For 10x38mm & 3AG/3AB Fuses
Revised: BA.08/24/21
344_PMB LITTELFUSE-344_PMB Datasheet
440Kb / 1P
344 Series Blown Fuse Indicating Holders for 3AG and 3AB Fuses
2019
354 LITTELFUSE-354_V01 Datasheet
614Kb / 2P
354 Series OMNI-BLOK짰 Molded Base Fuse Block for 3AB/3AG Fuses
Revised: 12/13/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com