Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA60 Datasheet(PDF) 2 Page - Cirrus Logic

Part # SA60
Description  H-BRIDGE MOTOR DRIVER/AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA60 Datasheet(HTML) 2 Page - Cirrus Logic

  SA60 Datasheet HTML 1Page - Cirrus Logic SA60 Datasheet HTML 2Page - Cirrus Logic SA60 Datasheet HTML 3Page - Cirrus Logic SA60 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
PARAMETER
TEST CONDITIONS2
MIN
TYP
MAX
UNITS
INPUT
ANALOG INPUT VOLTAGES
Vcc = 12V
A, B OUT = 50% Duty Cycle
1/2VCC
Vdc
A OUT = 100% Duty Cycle High
1/3VCC
Vdc
B OUT = 100% Duty Cycle High
2/3VCC
Vdc
PWM INPUT
PWM PULSE LOW VOLTAGE
0
0.8
Vdc
PWM PULSE HIGH VOLTAGE
2.7
5.0
Vdc
PWM FREQUENCY
45
250
KHz
DISABLE ON
2.7
Vcc
Vdc
DISABLE OFF
0
0.8
Vdc
OUTPUT
Vds (ON) VOLTAGE, each MOSFET
Ids = 10A
1.7
2.5
Vdc
TOTAL Ron, both MOSFETs
.45
Ω
EFFICIENCY, 10A OUTPUT
+V
S = 80V
91
%
CURRENT, continuous
10
A
CURRENT, peak
t = 100 msec
15
A
SWITCHING FREQUENCY
Cf = 270 pf
45
KHz
DEAD TIME
90
nS
POWER SUPPLY
+V
S VOLTAGE
4
+V
S Current = Load Current
80
Vdc
Vcc VOLTAGE
9.5
12
15
Vdc
Vcc CURRENT
Vcc = 12Vdc
28
36
mA
+V
S CURRENT
Switching, no load, V
S = 50V
5
mA
THERMAL3
RESISTANCE, junction to case
Full temp range, for each transistor
1.6
°C/W
RESISTANCE, junction to air
Full temperature range
30
°C/W
TEMPERATURE RANGE, case
–25
+85
°C
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S
80V4
OUTPUT CURRENT, peak
15A
LOGIC SUPPLY VOLTAGE, Vcc
16V
POWER DISSIPATION, internal
156W1
TEMPERATURE, pin solder - 10s max.
260°C
TEMPERATURE, junction3
150°C
TEMPERATURE RANGE, storage
–40 to +85°C
OPERATING TEMPERATURE RANGE, case
–25 to +85°C
SA60
SPECIFICATIONS
The SA60 is constructed from MOSFET transistors. ESD handling procedures must be observed.
The exposed substrate contains beryllia (BeO). Do not crush, machine, or subject to temperatures in excess of 850°C to
avoid generating toxic fumes.
CAUTION
NOTES: 1. Each of the two active output transistors can dissipate 78W.
2. Unless otherwise noted: T
C = 25°C, Vcc = 12Vdc.
3. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF. For guidance, refer to the heatsink data sheet.
4. Derate to 70V below T
C = +25°C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com