Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA60 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA60
Description  H-BRIDGE MOTOR DRIVER/AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA60 Datasheet(HTML) 1 Page - Cirrus Logic

  SA60 Datasheet HTML 1Page - Cirrus Logic SA60 Datasheet HTML 2Page - Cirrus Logic SA60 Datasheet HTML 3Page - Cirrus Logic SA60 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• LOW COST COMPLETE H-BRIDGE
• SELF-CONTAINED SMART LOWSIDE/HIGHSIDE DRIVE
CIRCUITRY
• WIDE SUPPLY RANGE: UP TO 80V
• 10A CONTINUOUS OUTPUT
• ISOLATED CASE ALLOWS DIRECT HEATSINKING
• FOUR QUADRANT OPERATION, TORQUE
CONTROL CAPABILITY
• INTERNAL/PROGRAMMABLE PWM FREQUENCY
GENERATION
APPLICATIONS
• BRUSH TYPE MOTOR CONTROL
• CLASS D SWITCHMODE AMPLIFIER
• REACTIVE LOADS
• MAGNETIC COILS (MRI)
• ACTIVE MAGNETIC BEARING
• VIBRATION CANCELLING
DESCRIPTION
The SA60 is a pulse width modulation amplifier that can sup-
ply 10A continuous current to the load. The full bridge amplifier
can be operated over a wide range of supply voltages. All of
the drive/control circuitry for the lowside and highside switches
are internal to the hybrid. The PWM circuitry is internal as
well, leaving the user to only provide an analog signal for the
motor speed/direction, or audio signal for switchmode audio
amplification. The internal PWM frequency can be programmed
by an external integrator capacitor. Alternatively, the user may
provide an external TTL-compatible PWM signal for simultane-
ous amplitude and direction control for four quadrant mode.
BLOCK DIAGRAM
TYPICAL APPLICATION
��������������������������������������������������������������
� � � � � � � � � � � � � � �
��������������������������������
����
�
�
�
�
�
�
�
�
�
��
������
���
��
��
���
���
�������
�����
�����
���
��
��
�������
��������
�����
�����
��������
���
�����
�
�
�
�
�������������������������������������
��������������������������
������������������������������������������
����������������������������������������
�
�
A wide variety of loads can be driven in either the voltage
mode or the current mode. The most common applications
use three external blocks: a low pass filter converting pulse
width data to an analog output, a difference amplifier to moni-
tor voltage or current and an error amplifier. Filter inductors
must be suitable for square waves at the switching frequency
(laminated steel is generally not acceptable). Filter capacitors
must be low ESR and rated for the expected ripple current. A
difference amplifier with gain of less than one translates the
differential output voltage to a single feedback voltage. Dashed
line connections and a higher gain difference amplifier would
be used for current control. The error amplifier integrates the
difference between the input and feedback voltages to close
the loop.
EXTERNAL CONNECTIONS
��������
�����
���
��
��
�
�
��
�
�
�
�
�
�
�����
���
� �
�
�
�
�
���
�����
�����
��������
��������
�����
���
�������
���������
���������
����������
���
�
�
��
�
�
��
����
����
�
12-PIN POWER SIP
PACKAGE STYLE DP
Formed Leads Available
See package styles ED & EE


Similar Part No. - SA60

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA60 PANJIT-SA60 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA60 WTE-SA60 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA60 BYTES-SA60 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA60 DCCOM-SA60 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA60 EIC-SA60 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA60

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA50 APEX-SA50 Datasheet
214Kb / 4P
H-BRIDGE MOTOR DRIVER/AMPLIFIERS
logo
ATMEL Corporation
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
H-bridge Motor Driver
logo
Cirrus Logic
SA50CE CIRRUS-SA50CE Datasheet
191Kb / 5P
H-Bridge Motor Driver/Amplifiers
SA60 CIRRUS-SA60_09 Datasheet
183Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60_10 Datasheet
605Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
H-Bridge Motor Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com