Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3941LQA Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3941LQA
Description  Cellular Phone Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3941LQA Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LP3941LQA Datasheet HTML 17Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 18Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 19Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 20Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 21Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 22Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 23Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 24Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ADC and Charger Programming
(Continued)
A/D Input Selection Code
MUX-1
MUX-0
Input
11
BATT-ID (200 µA Scale)
Charger Current Selection Code
Data Code
I
SET (mA)
4h’01
530
4h’02
574
4h’03
617
4h’04
660
4h’05
703
4h’06
746
4h’07
789
4h’08
832
4h’09
874
The following table is the conversion table for main battery
charger current measurement using the on-chip ADC. Tem-
perature dependency is due to the temperature coefficient of
the aluminum sense resistor. The ADC itself is temperature
compensated as is the charging current in the main battery
charger.
A/D Converter’s Charge Current Output Code
ADC Control Register Code 2h’0X
Device Temperature −40˚C
I
CHARGE (mA)
0
4.97
…
1262
1267
Output Code
h’00
h’01
h’fe
h’ff
Device Temperature +25˚C
I
CHARGE (mA)
0
3.95
…
1003
1007
Output Code
h’00
h’01
h’fe
h’ff
A/D Converter’s Charge Current Output Code
ADC Control Register Code 2h’0X
Device Temperature +85˚C
I
CHARGE (mA)
0
3.27
…
831
834
Output Code
h’00
h’01
h’fe
h’ff
The next table shows the relationship between ADC output
code and main battery voltage in ADC Battery Voltage Mea-
surement Mode.
A/D Converter’s Battery Voltage Output Code
ADC Control Register Code 2h’0X
Battery Voltage (V)
3.000
3.006
…
4.494
4.500
Output Code
h’00
h’01
h’fe
h’ff
The battery ID resistor value can be determined using the
following table in the two ADC Battery ID Modes.
Battery ID Detection Code
ADC Control Register Code 2h’0X
ID Resistor (k
Ω) Scale 1 (200 µA)
Data Code Range
Scale 1 (20 µA)
Data Code Range
0.22
h’00–h’12
0.75
h’13–h’32
1.8
h’33–h’65
3.3
h’66–h’a7
5.1
h’a8–h’ff
10
h’1e–h’31
15
h’32–h’49
22
h’4a–h’6d
33
h’6e–h’b0
55
h’b1–h’ff
ADC Block Functional Diagram
The ADC block provides four different functions on the LP3941A:
•
Main battery voltage measurement
•
Main battery charger charging current measurement
•
Battery ID resistor resistance measurement with 200 µA sense current
•
Battery ID resistor resistance measurement with 20 µA sense current
The following picture shows the implementation of these measurements with the ADC.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com