Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3941LQA Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3941LQA
Description  Cellular Phone Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3941LQA Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP3941LQA Datasheet HTML 9Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 10Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 11Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 12Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 13Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 14Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 15Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 16Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Comparators’ Electrical Characteristics (Continued)
Unless otherwise noted, V
BATT = +2.5V to 5.5V, VO3 = 3.0V, VCM = 0.27V. Typical values and limits appearing in normal type
apply for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature range for operation, −40 to
+125˚C. (Notes 2, 8, 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
Q
Quiescent Current per
Comparator
5µA
Note: Comparator output buffers are powered by LDO3 output voltage.
RESET Electrical Characteristics
Unless otherwise noted, V
BATT = +2.5V to 5.5V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits
appearing in boldface type apply over the entire junction temperature range for operation, −40 to +125˚C. (Notes 2, 8, 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OH
Output Voltage High
Internal Logic Supply
I
SOURCE =0µA
V
O3–0.2
V
V
OL
Output Voltage Low
Internal Logic Supply
I
SINK = 500 µA
0.4
V
V
TSHLD
V
O1 Threshold
V
O1 Rising
90
93
96
%
V
O1 Falling
82
85
88
%
t
DELAY
RESET Active Time-Out Period
From V
O1
≥ 93% until RESET = High
34
40
47
ms
t
PS-HOLD
PS-HOLD Timer
From RESET = Hi to PS-HOLD = Hi
From PS-HOLD = Low to RESET =
Low
29
35
41
ms
t
RESET
Shut-Down Timer
From RESET = Low until LDOs
turned off (no output regulation)
51
60
70
ms
R
PU
Pull-up Resistance to V
O1
14
k
Ω
I
S-MAX
Maximum Sink Current
5
mA
LED Driver Electrical Characteristics
Unless otherwise noted, V
BATT = +2.5V to 5.5V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits
appearing in boldface type apply over the entire junction temperature range for operation, −40 to +125˚C. (Notes 2, 8, 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OL
LED1–3 Output Low Level
I
SINK = 40 mA
0.17
0.55
V
I
LEAKAGE
LED1–3 Off Leakage Current
V
DR = 5.5V
4
µA
Main Battery Charger Electrical Characteristics
Unless otherwise noted, V
CHG-IN = 5V, VBATT = 4V. Typical values and limits appearing in normal type apply for TJ = 25˚C.
Limits appearing in boldface type apply over the entire junction temperature range for operation, −40 to +125˚C. (Notes 2, 9,
8, 12)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CHG-IN
Input Voltage Range
4.5
12
V
Operating Range
Battery Connected
4.5
6
V
OK−TSHD
Adapter OK Trip Point
(CHG-IN)
V
CHG-IN–VBATT Rising
80
mV
V
CHG-IN–VBATT Falling
30
mV
V
UVLO−TSHD
Under Voltage Lock-Out Trip
Point
V
CHG-IN Rising
3.85
4.25
4.65
V
V
CHG-IN Falling
3.90
V
V
OVLO−TSHD
Over Voltage Lock-Out Trip
Point
V
CHG-IN Rising
5.46
6.00
6.54
V
V
CHG-IN Falling
5.80
V
I
BATTSENSE
Leakage Current
V
BATT = 4.2V
8
µA
I
BATT
Battery Input Current
V
CHG-IN
≤ 4V
2
µA
Charging Complete, charger
connected, V
BATT = 4.1V
150
µA
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com