Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSR033FS0450Z Datasheet(PDF) 2 Page - Littelfuse

Part # PSR033FS0450Z
Description  PSR SERIES HIGH-SPEED SQUARE BODY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS0450Z Datasheet(HTML) 2 Page - Littelfuse

  PSR033FS0450Z Datasheet HTML 1Page - Littelfuse PSR033FS0450Z Datasheet HTML 2Page - Littelfuse PSR033FS0450Z Datasheet HTML 3Page - Littelfuse PSR033FS0450Z Datasheet HTML 4Page - Littelfuse PSR033FS0450Z Datasheet HTML 5Page - Littelfuse PSR033FS0450Z Datasheet HTML 6Page - Littelfuse PSR033FS0450Z Datasheet HTML 7Page - Littelfuse PSR033FS0450Z Datasheet HTML 8Page - Littelfuse PSR033FS0450Z Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Littelfuse.com/PSR
© 2022 Littelfuse, Inc.
Rev: 042722
2 of 20
POWR-SPEED® Fuse
PSR SERIES HIGH-SPEED SQUARE BODY
Electrical Characteristics
CASE
SIZE
CATALOG NUMBER
AMPERE
RATING (A)
VOLTAGE
RATING (V)
INTERRUPTING
RATING
MELTING
(PRE-ARC)
I2T (A2s)
TOTAL
CLEARING
I2T (A2s) AT
RATED VOLTAGE
WATT LOSS
AT 100 %
RATED
CURRENT (W)
AGENCY
CERTIFICATION
FLUSH END
METRIC THREAD
FLUSH END
INCHES THREAD
AC
DC
AC
DC
cURus CCC*
IEC
UL
AC
DC
30
PSR030FL0040
PSR030FS0040
40
690
700
600 200 kA 150 kA
76
280
260
12
•
•
PSR030FL0050
PSR030FS0050
50
690
700
600 200 kA 150 kA
110
598
384
15
•
•
PSR030FL0063
PSR030FS0063
63
690
700
600 200 kA 150 kA
176
1023
640
20
•
•
PSR030FL0080
PSR030FS0080
80
690
700
600 200 kA 150 kA
304
1728
1252
24
•
•
PSR030FL0100
PSR030FS0100
100
690
700
600 200 kA 150 kA
437
2835
1575
27
•
•
PSR030FL0125
PSR030FS0125
125
690
700
600 200 kA 150 kA
707
4684
2783
36
•
•
PSR030FL0160
PSR030FS0160
160
690
700
600 200 kA 150 kA
1359
9114
5507
39
•
•
PSR030FL0200
PSR030FS0200
200
690
700
600 200 kA 150 kA
3012
15169
14700
39
•
•
PSR030FL0250
PSR030FS0250
250
690
700
600 200 kA 150 kA
4668
29952
20833
50
•
•
PSR030FL0315
PSR030FS0315
315
690
700
600 200 kA 150 kA
7131
61830
31600
61
•
•
PSR030FL0350
PSR030FS0350
350
690
700
600 200 kA 150 kA
12007
85320
49273
62
•
•
PSR030FL0400
PSR030FS0400
400
690
700
600 200 kA 150 kA
16209
114750
63367
75
•
•
PSR030FL0450
PSR030FS0450
450
690
700
600 200 kA 150 kA
23133
160110
93533
75
•
•
PSR030FL0500
PSR030FS0500
500
690
700
600 200 kA 150 kA
31429
225180 137333
80
•
•
PSR030FL0550
PSR030FS0550
550
690
700
600 200 kA 150 kA
44323
268920 145400
78
•
•
PSR030FL0630
PSR030FS0630
630
690
700
550 200 kA 150 kA
57404
480010 267800
90
•
31
PSR031FL0200
PSR031FS0200
200
690
700
600 200 kA 150 kA
1965
17334
16188
49
•
•
PSR031FL0250
PSR031FS0250
250
690
700
600 200 kA 150 kA
3789
35343
21080
52
•
•
PSR031FL0315
PSR031FS0315
315
690
700
600 200 kA 150 kA
6862
59130
30694
61
•
•
PSR031FL0350
PSR031FS0350
350
690
700
600 200 kA 150 kA
9523
76140
40996
63
•
•
PSR031FL0400
PSR031FS0400
400
690
700
600 200 kA 150 kA
14770
124335
64359
64
•
•
PSR031FL0450
PSR031FS0450
450
690
700
600 200 kA 150 kA
22457
178200
97444
69
•
•
PSR031FL0500
PSR031FS0500
500
690
700
600 200 kA 150 kA
29751
251505 125935
81
•
•
PSR031FL0550
PSR031FS0550
550
690
700
600 200 kA 150 kA
42056
289170 171845
77
•
•
PSR031FL0630
PSR031FS0630
630
690
700
600 200 kA 150 kA
45403
415500 175500
93
•
•
PSR031FL0700
PSR031FS0700
700
690
700
600 200 kA 150 kA
98187
601425 337260
92
•
•
PSR031FL0800
PSR031FS0800
800
690
700
600 200 kA 150 kA
137208
848880 502800
106
•
•
PSR031FL0900
PSR031FS0900
900
550
600
550 200 kA 150 kA
155163
945100 631820
118
•
32
PSR032FL0400
PSR032FS0400
400
690
700
600 200 kA 150 kA
11104
79650
44533
82
•
•
PSR032FL0450
PSR032FS0450
450
690
700
600 200 kA 150 kA
15535
116100
65463
88
•
•
PSR032FL0500
PSR032FS0500
500
690
700
600 200 kA 150 kA
21573
161460
88277
94
•
•
PSR032FL0550
PSR032FS0550
550
690
700
600 200 kA 150 kA
26327
177660 107960
104
•
•
PSR032FL0630
PSR032FS0630
630
690
700
600 200 kA 150 kA
34790
234900 156963
110
•
•
PSR032FL0700
PSR032FS0700
700
690
700
600 200 kA 150 kA
51191
291870 209287
117
•
•
PSR032FL0800
PSR032FS0800
800
690
700
600 200 kA 150 kA
60125
472770 249000
145
•
•
PSR032FL0900
PSR032FS0900
900
690
700
600 200 kA 150 kA
107785
764100 404000
145
•
•
PSR032FL1000
PSR032FS1000
1000
690
700
600 200 kA 150 kA
190102
933120 672333
146
•
•
PSR032FL1100
PSR032FS1100
1100
690
700
600 200 kA 150 kA
225379
1247400 744000
149
•
•
PSR032FL1250
PSR032FS1250
1250
550** 600** 550** 200 kA 150 kA
336661
1114994 1197000
149
•
PSR032FL1400
PSR032FS1400
1400
450
500
450 200 kA 150 kA
551749
1611639 1865400
154
•
PSR032FL1500
PSR032FS1500
1500
450
500
450 200 kA 150 kA
673360
2045907 1735500
171
•
33
PSR033FL0450
PSR033FS0450
450
690
700
600 200 kA 150 kA
13600
106380
58947
99
•
•
PSR033FL0500
PSR033FS0500
500
690
700
600 200 kA 150 kA
16434
140400
77846
107
•
•
PSR033FL0550
PSR033FS0550
550
690
700
600 200 kA 150 kA
23314
187650 100461
108
•
•
PSR033FL0630
PSR033FS0630
630
690
700
600 200 kA 150 kA
38727
285930 142437
113
•
•
PSR033FL0700
PSR033FS0700
700
690
700
600 200 kA 150 kA
56763
392580 209863
113
•
•
PSR033FL0800
PSR033FS0800
800
690
700
600 200 kA 150 kA
84691
575505 348500
120
•
•
PSR033FL0900
PSR033FS0900
900
690
700
600 200 kA 150 kA
122619
740340 451177
122
•
•
PSR033FL1000
PSR033FS1000
1000
690
700
600 200 kA 150 kA
222350
1170450 787750
124
•
•
PSR033FL1100
PSR033FS1100
1100
690
700
600 200 kA 150 kA
310824
1568700 821400
127
•
•
PSR033FL1250
PSR033FS1250
1250
690
700
600 200 kA 150 kA
476902
2403000 1674333
131
•
•
PSR033FL1400
PSR033FS1400
1400
690
700
500 200 kA 150 kA
583552
2920050 1979750
144
•
•
PSR033FL1500
PSR033FS1500
1500
600
650
500 200 kA 150 kA
674538
2433200 1996733
163
•
•
PSR033FL1600
PSR033FS1600
1600
600
650
500 200 kA 150 kA
779948
2942800 2301633
182
•
•
PSR033FL1800
PSR033FS1800
1800
600
650
500 200 kA 150 kA
952196
3785040 2724180
224
•
•
PSR033FL2000
PSR033FS2000
2000
550
600
500 200 kA 150 kA
1234315
4131600 3755180
222
•
•
PSR033FL2250
PSR033FS2250
2250
500
550
450 200 kA 150 kA
1236000
4459651 3859500
299
•
*CCC Certification only on Flush End Metric Thread Version
**Littelfuse self-certified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com