Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSR033FS0450Z Datasheet(PDF) 1 Page - Littelfuse

Part # PSR033FS0450Z
Description  PSR SERIES HIGH-SPEED SQUARE BODY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS0450Z Datasheet(HTML) 1 Page - Littelfuse

  PSR033FS0450Z Datasheet HTML 1Page - Littelfuse PSR033FS0450Z Datasheet HTML 2Page - Littelfuse PSR033FS0450Z Datasheet HTML 3Page - Littelfuse PSR033FS0450Z Datasheet HTML 4Page - Littelfuse PSR033FS0450Z Datasheet HTML 5Page - Littelfuse PSR033FS0450Z Datasheet HTML 6Page - Littelfuse PSR033FS0450Z Datasheet HTML 7Page - Littelfuse PSR033FS0450Z Datasheet HTML 8Page - Littelfuse PSR033FS0450Z Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Littelfuse.com/PSR
© 2022 Littelfuse, Inc.
Rev: 042722
1 of 20
POWR-SPEED® Fuse
PSR SERIES HIGH-SPEED SQUARE BODY
Specifications
Voltage Range
Ac: 450 V–1300 V
Dc: 450 V–1000 V
Amperage Range
40 A–2250 A
Interrupting Range
Ac: 100 kA–200 kA
Dc: 150 kA
Time Constant
10 ms at IR
Microswitch
Yes
Mounting
Flush-end style
Material
Body: ceramic
Contacts: plated brass
Approvals
UL 248-13 Recognized (File: E71611)
cURus (File: E71611)
CCC*
Applicable Standards
UL248-13, IEC 60269-4 (Class aR)
Environmental
RoHS Compliant, REACH
Operating Temperature
-55 °C to +125 °C
Storage Temperature
Up to +35 °C with relative humidity
<65 %
Country of Origin
Mexico
Description
Littelfuse PSR series high-speed square body fuses are
specially designed for protection of power semiconductor
devices such as diodes, triacs, IGBTs, SCRs, MOSFETs,
and other solid state devices that are typically designed
into power conversion and power conditioning equipment.
Variable frequency drives, inverters, UPS, rectifiers, and
soft-starters are examples of typical equipment designed
with sensitive power semiconductor devices that cannot
withstand any line surge or overcurrent conditions and
require high-speed protection.
Littelfuse POWR-SPEED PSR series products offer
optimized circuit protection at the extremely fast speed
required to protect modern day power conversion devices.
Such products are commonly found in numerous applications
including pulp and paper industries, cranes and heavy-lifting
equipment, processing industries, wastewater treatment
plants, and various large factories and MRO facilities.
Features/Benefits

Best in class dc performance

Extremely current limiting

Superior cycling capability

Global certification cURus, CCC*

Direct bus-bar mount design

Visual and optional microswitch fuse blown indication

Low watt-loss design

Compliance with US and Canadian requirements

Fast-acting Class aR performance
Applications

Power conversion devices (UPS, inverter, rectifiers, drives)

Dc systems (dc common bus, dc injection braking)

Battery protection application (energy storage systems)

Electric vehicle charging stations

Heaters and power supplies
Semiconductor Fuses • Flush End • 40 A–2250 A
S
SERIES CASE
SIZE TERMINATION AMPERAGE
CATALOG
NUMBER
ORDERING
PART NUMBER
PSR
030
FL
0550
PSR030FL0550 PSR030FL0550Z
Ordering Part Number
Catalog Number
PSR 030 FL 0550 Z
Termination
FL - Flush end metric thread
FS - Flush end inches thread
Case Size
30, 31, 32, 33, 70, 71, 72, 73
Amperage
Series
Packing Quantity
Z = (2–3 pcs/box)
Recommended Accessories
Microswitch: MS3H1000C (case size 30 to 33)
MS7H1500C (case size 70 to 73)
Web Resources
Download technical documents: Littelfuse.com/PSR
Note: high-speed fuses are designed for fixed installations. They are not
intended for use in moving vehicle applications.
* Refer to CCC section of Electrical Characteristics table


Similar Part No. - PSR033FS0450Z

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PSR033FS0450Z LITTELFUSE-PSR033FS0450Z Datasheet
4Mb / 28P
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
More results

Similar Description - PSR033FS0450Z

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170H0235 COOPER-170H0235 Datasheet
47Kb / 1P
Square Body Accessories
170M6149 COOPER-170M6149 Datasheet
71Kb / 2P
Square body DIN 43 653 stud-mount high speed fuses.
logo
Littelfuse
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z Datasheet
4Mb / 28P
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PSR030US0550Z LITTELFUSE-PSR030US0550Z Datasheet
1Mb / 21P
PSR SERIES HIGH-SPEED SQUARE BODY
L70QS300.X LITTELFUSE-L70QS300.X Datasheet
995Kb / 11P
L70QS SERIES HIGH-SPEED ROUND BODY
Rev: 092820
L70QS LITTELFUSE-L70QS Datasheet
1Mb / 11P
L70QS SERIES HIGH-SPEED ROUND BODY
Rev: 092820
L75QS LITTELFUSE-L75QS Datasheet
886Kb / 13P
L75QS SERIES HIGH-SPEED ROUND BODY
Rev: 1-A-061819
PSR030DS0550Z LITTELFUSE-PSR030DS0550Z_V01 Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
PSR030US0550Z LITTELFUSE-PSR030US0550Z_V01 Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
PSX LITTELFUSE-PSX Datasheet
815Kb / 10P
PSX SERIES HIGH-SPEED SQUARE BODY
Rev: 041122
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com