Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSR033FS0550Z Datasheet(PDF) 19 Page - Littelfuse

Part # PSR033FS0550Z
Description  PSR SERIES HIGH-SPEED SQUARE BODY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS0550Z Datasheet(HTML) 19 Page - Littelfuse

Back Button PSR033FS0550Z Datasheet HTML 12Page - Littelfuse PSR033FS0550Z Datasheet HTML 13Page - Littelfuse PSR033FS0550Z Datasheet HTML 14Page - Littelfuse PSR033FS0550Z Datasheet HTML 15Page - Littelfuse PSR033FS0550Z Datasheet HTML 16Page - Littelfuse PSR033FS0550Z Datasheet HTML 17Page - Littelfuse PSR033FS0550Z Datasheet HTML 18Page - Littelfuse PSR033FS0550Z Datasheet HTML 19Page - Littelfuse PSR033FS0550Z Datasheet HTML 20Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Littelfuse.com/PSR
© 2022 Littelfuse, Inc.
Rev: 042722
19 of 20
POWR-SPEED® Fuse
PSR SERIES HIGH-SPEED SQUARE BODY
Total Clearing I2t Correction Factor Curve
(30, 31, 32 and 33 Case Sizes)
Total Clearing I2t Correction Factor Curve
(70, 71, 72 and 73 Case Sizes)
- THIS DATA IS GENERATED IN EXCEL -
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1.1
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
BASIS FOR DATA:
TEST VOLTAGE: 100V - 690V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
I2T VARIATION CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
2 OF 3
FCC07-PSR
PSR 450V - 690V
LLL
11/15/2021
B
OPERATING VOTLAGE IN VOLTS
- 450 V
- 500 V
- 550 V
- 600 V
- 690 V
- THIS DATA IS GENERATED IN EXCEL -
1.1
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1.1
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
BASIS FOR DATA:
TEST VOLTAGE: 200V - 1250V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
I2T VARIATION CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
3 OF 3
FCC07-PSR
PSR 850V - 1250V
LLL
11/15/2021:
B
OPERATING VOLTAGE IN VOLTS
- 850 V
- 900 V
- 1000 V
- 1100 V
- 1250 V
- THIS DATA IS GENERATED IN EXCEL -
600
700
800
900
1000
1100
1200
1300
1400
100
200
300
400
500
600
700
BASIS FOR DATA:
TEST VOLTAGE:
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
ARC VOLTAGE
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
01/26/2015
A
3 OF 3
FCC0-
L70S 35-800A
OPERATING VOLTAGE IN VOLTS
BASIS FOR DATA:
TEST VOLTAGE: 100V-690V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
MAX ARC VOLTAGE VARIATION CURVE
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
03/23/2017
A
2 OF 3
FCC09-PSR
PSR30 - PSR33
- THIS DATA IS GENERATED IN EXCEL -
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
500
600
700
800
900
1000
1100
1200
1300
BASIS FOR DATA:
TEST VOLTAGE:
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
ARC VOLTAGE
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
01/26/2015
A
3 OF 3
FCC0-
L70S 35-800A
OPERATING VOLTAGE IN VOLTS
BASIS FOR DATA:
TEST VOLTAGE: 500V-1300V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
MAX ARC VOLTAGE VARIATION CURVE
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
01/23/2015
A
3 OF 3
FCC09-PSR
PSR71 - PSR72
Peak Arc Voltage Curve
(30, 31, 32 and 33 Case Sizes)
Peak Arc Voltage Curve
(70, 71, 72 and 73 Case Sizes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com