Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JLLN0100AXLS Datasheet(PDF) 3 Page - Littelfuse

Part # JLLN0100AXLS
Description  CLASS T ??JLLN / JLLS SERIES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

JLLN0100AXLS Datasheet(HTML) 3 Page - Littelfuse

  JLLN0100AXLS Datasheet HTML 1Page - Littelfuse JLLN0100AXLS Datasheet HTML 2Page - Littelfuse JLLN0100AXLS Datasheet HTML 3Page - Littelfuse JLLN0100AXLS Datasheet HTML 4Page - Littelfuse JLLN0100AXLS Datasheet HTML 5Page - Littelfuse JLLN0100AXLS Datasheet HTML 6Page - Littelfuse JLLN0100AXLS Datasheet HTML 7Page - Littelfuse JLLN0100AXLS Datasheet HTML 8Page - Littelfuse JLLN0100AXLS Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Littelfuse.com/jlls, Littelfuse.com/jlln
© 2020 Littelfuse, Inc.
Rev: 061820
3 of 9
POWR-GARD® Fuse
CLASS T – JLLN / JLLS SERIES
LSE Terminal Option
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
1
OL-JLLN000LSE
Littelfuse® REVISION DRWGNO.
TITLE
A
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
MYORK
1/17/2018
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
JLLN-LSE OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
1
1/17/18
PRELIMINARY DRAWING CREATED MRY
15.42
[0.607]
REF
4.09
[0.161]
REF
4.75
[0.187]
REF
12.70
[0.500]
REF
14.22
[0.560]
REF
12.95 - 0.00
0.13
+
0.510 - 0.000
0.005
+
[
]
24.49
[0.964]
MAX
21.84
[0.860]
MIN
1.32
[0.052]
REF
4.19 - 0.00
0.13
+
0.165 - 0.000
0.005
+
[
]
PAD LAYOUT
4.19
[0.165]
REF
22.28
[0.877]
REF
23.98
[0.944]
REF
LEAD-FREE SOLDERING PROFILE:
PRE-HEAT: ABOVE 130°C FOR 75 SECONDS MAX.
REFLOW: 278°C FOR 8 SECONDS MAX.
TIME: 250 SECONDS MAX.
MAX. TEMP: 280°C
PR
ELI
MI
NA
RY
Solder
JLLN-XLS
Leaded
JLLN-XL
Vertical Mount
JLLN-XV
4.95
[0.195]
REF
44.81
[1.764]
42.93
[1.690]
MIN
45.57
[1.794]
MAX
4.19 - 0.00
0.13
+
0.165 - 0.000
0.005
+
[
]
1.32
[0.052]
REF
12.95 - 0.00
0.13
+
0.510 - 0.000
0.005
+
[
]
PAD LAYOUT
12.70±0.25
0.500±0.010
[
]
34.54
[1.360]
29.72
[1.170]
PCB Mounting Options (JLLN 35–60 A Only)
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
Littelfuse® REVISION DRWGNO.
TITLE
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
?
CP
SHEET 1 OF 1
SCALE
B OL-JLLN000V
B
myork
03/27/2017
JLLN-V OUTLINE & PAD LAYOUT
NTS
REVISION
REV
DATE
DESCRIPTION
A
3/29/17
517351GCP - RELEASE MRY
B
8/9/19
521072ECP/D - ADD LEAD DIMENSIONS MRY
PAD LAYOUT
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
Littelfuse® REVISION DRWGNO.
TITLE
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
?
CP
SHEET 1 OF 1
SCALE
B OL-JLLN000V
B
myork
03/27/2017
JLLN-V OUTLINE & PAD LAYOUT
NTS
REVISION
REV
DATE
DESCRIPTION
A
3/29/17
517351GCP - RELEASE MRY
B
8/9/19
521072ECP/D - ADD LEAD DIMENSIONS MRY
PAD LAYOUT
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
1
OL-JLLN000LSE
Littelfuse® REVISION DRWGNO.
TITLE
A
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
MYORK
1/17/2018
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
JLLN-LSE OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
1
1/17/18
PRELIMINARY DRAWING CREATED MRY
15.42
[0.607]
REF
4.09
[0.161]
REF
4.75
[0.187]
REF
12.70
[0.500]
REF
14.22
[0.560]
REF
12.95 - 0.00
0.13
+
0.510 - 0.000
0.005
+
[
]
24.49
[0.964]
MAX
21.84
[0.860]
MIN
1.32
[0.052]
REF
4.19 - 0.00
0.13
+
0.165 - 0.000
0.005
+
[
]
PAD LAYOUT
4.19
[0.165]
REF
22.28
[0.877]
REF
23.98
[0.944]
REF
LEAD-FREE SOLDERING PROFILE:
PRE-HEAT: ABOVE 130°C FOR 75 SECONDS MAX.
REFLOW: 278°C FOR 8 SECONDS MAX.
TIME: 250 SECONDS MAX.
MAX. TEMP: 280°C
PR
ELI
MI
NA
RY



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com