Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JLLN0100AXLS Datasheet(PDF) 1 Page - Littelfuse

Part # JLLN0100AXLS
Description  CLASS T ??JLLN / JLLS SERIES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

JLLN0100AXLS Datasheet(HTML) 1 Page - Littelfuse

  JLLN0100AXLS Datasheet HTML 1Page - Littelfuse JLLN0100AXLS Datasheet HTML 2Page - Littelfuse JLLN0100AXLS Datasheet HTML 3Page - Littelfuse JLLN0100AXLS Datasheet HTML 4Page - Littelfuse JLLN0100AXLS Datasheet HTML 5Page - Littelfuse JLLN0100AXLS Datasheet HTML 6Page - Littelfuse JLLN0100AXLS Datasheet HTML 7Page - Littelfuse JLLN0100AXLS Datasheet HTML 8Page - Littelfuse JLLN0100AXLS Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Littelfuse.com/jlls, Littelfuse.com/jlln
© 2020 Littelfuse, Inc.
Rev: 061820
1 of 9
POWR-GARD® Fuse
CLASS T – JLLN / JLLS SERIES
300/600 V ac • Fast-Acting • 1–1200 A
Description
JLLN / JLLS series fuses are less than 1/3 the size of
comparable Class R fuses and are typically used for short
circuit protection of drives and surge sensitive components.
When rated in accordance with the NEC*, JLLN / JLLS
fuses provide fast-acting overload and short circuit
protection for non-inductive circuits and equipment.
Features/Benefits

Extremely current-limiting

Compact design

200 kA interrupting rating

JLLN 35–60 amperes available with PCB mounts
Applications

Variable speed drive protection

Power conversion devices (inverters, rectifiers, UPS)

Power supplies and power distribution units

Compact mains switches
Recommended Fuse Holders
LFT30 series
LFT60 series
LSCR series for 70–800 amperes
Web Resources
Download TC curves, CAD drawings and other technical
information: Littelfuse.com/jlln
Littelfuse.com/jlls
AMPERE RATINGS
1
25
70
175
450
1100
2
30
80
200
500
1200
3
35
90
225
600
6
40
100
250
700
10
45
110
300
800
15
50
125
350
900*
20
60
150
400
1000
*JLLS only
Ordering Information
SERIES AMP PACK
SIZE
PLATING
SUFFIX
MOUNT
SUFFIX
CATALOG
NUMBER
ORDERING
NUMBER
JLLS
6
T
–
–
JLLS006
JLLS006.T
JLLN
35
T
–
XL†
JLLN035L
JLLN035.TXL
JLLN
40
T
–
XLSE†
JLLN040LSE JLLN040.TXLSE
JLLN
100
V
XP
–
JLLN100P
JLLN100.VXP
†
Option is available for JLLN 35–60 amperes only. Premium plating is standard
Specifications
JLLN
Voltage Ratings
Ac: 300 V
Dc: 160 V (1–60 A)
125 V (70–1200 A)
Ampere Range
1–1200 A
Interrupting Ratings
Ac: 200 kA rms symmetrical
Dc: 50 kA (1–30 A)
20 kA (35–1200 A)
Approvals
Ac: UL Standard 248-15, Class T
UL Listed (File: E81895): 1–1200 A
CSA Certified (File: LR29862): 1–600 A
Dc: UL Listed (File: E81895): 1–1200 A
Material
1–30 A: melamine body, bronze caps
35–1200 A: melamine body, copper caps
Environmental
RoHS Compliant
Country of Origin
Mexico
JLLS
Voltage Ratings
Ac: 600 V
Dc: 300 V
Ampere Range
1–1200 A
Interrupting Ratings
Ac: 200 kA rms symmetrical
Dc: 20 kA
Approvals
Ac: UL Standard 248-15, Class T
UL Listed (File: E81895): 1–1200 A
CSA Certified (File: LR29862): 1– 600 A
Dc: Littelfuse self-certified
Material
1–30 A: melamine body, copper caps
35–60 A: melamine body, bronze caps
70–1200 A: melamine body, copper caps
Environmental
RoHS Compliant
Country of Origin
Mexico
Part Numbering System
JLLN xxxx V —
Package Quantity
Series
Options
Amperage
T = 10 (1–60 A)
V = 5 (70–100 A)
X = 1 (110–1200 A)
Blank = Standard Non-Plated
XP = Premium Silver Plated
XL = Leaded†
XV = Vertical Mount†
XLS = Solder Lead†
XLSE = Solder Lead Extended†
*NEC is a trademark of its respective owner.


Similar Part No. - JLLN0100AXLS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
JLLN035.TXL LITTELFUSE-JLLN035.TXL Datasheet
893Kb / 9P
Fast-Acting
JLLN040.TXLSE LITTELFUSE-JLLN040.TXLSE Datasheet
893Kb / 9P
Fast-Acting
More results

Similar Description - JLLN0100AXLS

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
logo
List of Unclassifed Man...
RB-TK2019 ETC-RB-TK2019 Datasheet
408Kb / 11P
2 X 20W CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD
logo
Tripath Technology Inc.
TK2019 TRIPATH-TK2019 Datasheet
414Kb / 21P
STEREO 20W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
logo
Littelfuse
LT30030-2 LITTELFUSE-LT30030-2 Datasheet
526Kb / 4P
Class T Fuse Blocks - 300 and 600 Volt
JLLN LITTELFUSE-JLLN Datasheet
542Kb / 3P
CLASS T JLLN/ JLLS SERIES FUSES
JLLS LITTELFUSE-JLLS Datasheet
542Kb / 3P
CLASS T JLLN/ JLLS SERIES FUSES
logo
Cooper Bussmann, Inc.
T30030-2SR COOPER-T30030-2SR Datasheet
503Kb / 4P
Class T 300V open fuse blocks
logo
Eaton All Rights Reserv...
T300 EATON-T300 Datasheet
805Kb / 4P
Class T 300V open fuse blocks
T600 EATON-T600 Datasheet
895Kb / 4P
Class T 600V open fuse blocks
logo
Littelfuse
LFT300301 LITTELFUSE-LFT300301 Datasheet
2Mb / 6P
LF SERIES CLASS T FUSE BLOCKS
Rev: 020122
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com