Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLJC Datasheet(PDF) 1 Page - Littelfuse

Part # HLJC
Description  HLJC SERIES JCASE짰 FUSE HOLDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HLJC Datasheet(HTML) 1 Page - Littelfuse

  HLJC Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2020 Littelfuse Commercial Vehicle Products
Rev: 011020
littelfuse.com
1 of 1
Product Datasheet
Features and Benefits
• Amperages 20A to 60A
• LP JCASE Fuse offers size and weight benefits over MAXI
Fuse and holders
• Integral mounting bracket version allows for simple
mounting without the need of additional mounting
components
• Cartridge fuses are compact and incorporate a design
advantage over blade fuses: Over time the spring clips
that hold blade fuses will weaken. In cartridge fuses, the
weaker female part is designed into the disposable fuse so
that the grip and electrical connection will never weaken
• Splash proof covers protects fuse in rugged environments
allowing for universal mounting
Applications
• Accessory Circuit
• Overflow Circuits
Related Products
Web Resources
Download 2D print, 3D model and more at:
littelfuse.com/HLJC
Dimensions in MM
HLJC SERIES JCASE® FUSE HOLDER
20A-60A • 58V DC • JCASE®
Description
The HLJC In-Line Fuse Holder is the perfect solution for
applications requiring the circuit protection of a JCASE® Fuse
(20A - 60A) but have the space constraints requiring a low
profile option. The HLJC In-Line Fuse Holder paired with an
LP JCASE offers size and weight savings compared to MAXI®
fuse holders, and has an optional protective cover for splash
resistance or a mounting bracket.
Standard products are featured on the datasheet. Semi-
Custom and Custom variants including but not limited to; wire
length and insulation color can be customized upon request.
Tinned wires also available upon request. All customizations
have minimum order requirements. Contact Littelfuse sales
representative for details.
Specifications
Fuse Hardware:
LP JCASE Fuses
Available Fuse Rating:
25A-60A
Max Voltage:
58V
Max Fuse Rating:
See Table Below
Operating Temp:
-40° to 125° C
Wire Size:
See Table Below
Material:
Holder: BLACK TPV 251 80W 232
Wire Insulation: GXL (Standard)
Contacts:
C194 Copper Alloy: Tin-Plated
Ordering Information
PART NUMBERS
DESCRIPTION
WIRE DIAMETER
LEAD LENGTH
MOUNTING
COLOR
COVER
HLJC1001G
Standard LP JCASE Fuse Holder with Cover
10AWG (GXL)
A:102mm B:102mm
In-Line
Red
Yes
HLJC1002G
Standard LP JCASE Fuse Holder with Cover
8AWG (GXL)
A:102mm B:102mm
In-Line
Red
Yes
HLJC1002GA
Standard LP JCASE Fuse Holder with Cover - UL10198
8AWG (GXL)
A:102mm B:102mm
In-Line
Red
Yes
HLJC2002G
Standard LP JCASE Fuse Holder with Cover
8AWG (GXL)
A:102mm B:102mm Mounting Bracket
Red
Yes
Fuses sold separately
LP JCASE Series Fuses


Similar Part No. - HLJC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HLJC1001G LITTELFUSE-HLJC1001G Datasheet
409Kb / 2P
Inline Holder for JCASE??Style Fuses
logo
Lineage Power Corporati...
HLJC1001G LINEAGEPOWER-HLJC1001G Datasheet
409Kb / 2P
Inline Holder for JCASE??Style Fuses
logo
Littelfuse
HLJC1001G LITTELFUSE-HLJC1001G Datasheet
172Kb / 2P
JCASE짰 FHJ SERIES IN-LINE CARTRIDGE FUSE HOLDER
2021
HLJC1002G LITTELFUSE-HLJC1002G Datasheet
409Kb / 2P
Inline Holder for JCASE??Style Fuses
logo
Lineage Power Corporati...
HLJC1002G LINEAGEPOWER-HLJC1002G Datasheet
409Kb / 2P
Inline Holder for JCASE??Style Fuses
More results

Similar Description - HLJC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0995020 LITTELFUSE-0995020 Datasheet
236Kb / 2P
JCASE짰 Cartridge Fuse Rated 58V
logo
Lineage Power Corporati...
0FHJ3003U LINEAGEPOWER-0FHJ3003U Datasheet
147Kb / 1P
Low Profile JCASE짰 Panel-Mount Fuse Holder
logo
Littelfuse
0FHJ3003U LITTELFUSE-0FHJ3003U Datasheet
147Kb / 1P
Low Profile JCASE짰 Panel-Mount Fuse Holder
logo
List of Unclassifed Man...
441-R3-13-GRX ETC1-441-R3-13-GRX Datasheet
97Kb / 2P
Fuse Holder
441-R314C-GRX ETC2-441-R314C-GRX Datasheet
103Kb / 2P
Fuse Holder
441-R324-GR ETC2-441-R324-GR Datasheet
73Kb / 2P
Fuse Holder
441-R344B-GR ETC2-441-R344B-GR Datasheet
82Kb / 2P
Fuse Holder
441-R349A-GR ETC2-441-R349A-GR Datasheet
83Kb / 2P
Fuse Holder
logo
Keystone Electronics Co...
3569 KEYSTONE-3569 Datasheet
179Kb / 1P
FUSE HOLDER
9.22.08
logo
Littelfuse
JCASE LITTELFUSE-JCASE Datasheet
172Kb / 2P
JCASE짰 FHJ SERIES IN-LINE CARTRIDGE FUSE HOLDER
2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com