Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SWV Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # BAT54SWV
Description  SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT54SWV Datasheet(HTML) 3 Page - Rectron Semiconductor

  BAT54SWV Datasheet HTML 1Page - Rectron Semiconductor BAT54SWV Datasheet HTML 2Page - Rectron Semiconductor BAT54SWV Datasheet HTML 3Page - Rectron Semiconductor BAT54SWV Datasheet HTML 4Page - Rectron Semiconductor BAT54SWV Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Min
Max
Min
Max
A0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.900
1.000
0.035
0.039
b
0.200
0.400
0.008
0.016
c
0.080
0.150
0.003
0.006
D
2.000
2.200
0.079
0.087
E
1.150
1.350
0.045
0.053
E1
2.150
2.450
0.085
0.096
e
e1
1.200
1.400
0.047
0.055
L
L1
0.260
0.460
0.010
0.018
θ
0°8°0°8°
0.525 REF
0.021 REF
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.650 TYP
0.026 TYP
6273DFNDJH2XWOLQH'LPHQVLRQV
627 6XJJHVWHG3DG /D\RXW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com