Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SWV Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAT54SWV
Description  SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT54SWV Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAT54SWV Datasheet HTML 1Page - Rectron Semiconductor BAT54SWV Datasheet HTML 2Page - Rectron Semiconductor BAT54SWV Datasheet HTML 3Page - Rectron Semiconductor BAT54SWV Datasheet HTML 4Page - Rectron Semiconductor BAT54SWV Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCHOTTKY BARRIER DIODE
FEATURES
Extremely Fast Switching Speed
Low forward voltage
MAXIMUM RATINGS ( Ta=25
℃
℃ unless otherwise noted )
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current
IFM
200
mA
Non-repetitive Peak Forward Surge Current @t=8.3ms
IFSM
600
mA
Repetitive Peak Forward Current @ t
1s,
0.5
IFRM
300
mA
Power Dissipation
PD
200
mW
Thermal Resistance from Junction to Ambient
RΘJA
500
℃/W
Junction Temperature
Tj
125
℃
Storage Temperature
Tstg
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=100μA
30
V
Reverse current
IR
VR=25V
2
μA
Forward voltage
VF
IF1=0.1mA
0.24
V
IF2=1mA
0.32
V
IF3=10mA
0.40
V
IF4=30mA
0.50
V
IF5=100mA
1
V
Diode capacitance
CD
VR=0V,f=1MHz
10
pF
Reverse recovery time
trr
IF=IR=10mA
Irr=0.1
IR,RL=100
5
ns
SOT-323
••
MARKING:
BAT54W
BAT54AW
BAT54CW
BAT54SW
Solid dot = Green molding compound device,if none,
the normal device.
BAT54WV/
AWV/CWV
REV:O
I2T
A
2S
0.15
Typical Current Squared Time
2021-09/02
/SWV
Halogen-free
P/N suffix V means AEC-Q101 qualified, e.g:BAT54WV


Similar Part No. - BAT54SWV

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54SW PANJIT-BAT54SW Datasheet
121Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54SW PHILIPS-BAT54SW Datasheet
29Kb / 5P
Schottky barrier double diodes
1996 Mar 19
logo
STMicroelectronics
BAT54SW STMICROELECTRONICS-BAT54SW Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Diodes Incorporated
BAT54SW DIODES-BAT54SW Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 2P-1
logo
Diotec Semiconductor
BAT54SW DIOTEC-BAT54SW Datasheet
384Kb / 2P
Surface mount Schottky-Barrier Double-Diodes
More results

Similar Description - BAT54SWV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com