Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20200CS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MBR20200CS
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 20 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MBR20200CS Datasheet(HTML) 1 Page - Rectron Semiconductor

  MBR20200CS Datasheet HTML 1Page - Rectron Semiconductor MBR20200CS Datasheet HTML 2Page - Rectron Semiconductor MBR20200CS Datasheet HTML 3Page - Rectron Semiconductor MBR20200CS Datasheet HTML 4Page - Rectron Semiconductor MBR20200CS Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 200 Volts CURRENT 20 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
resistive or inductive load.
MBR20200CS
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
20
150
2.0
30
Amps
0
C/W
0
C
Storage Temperature Range
R J C
R J A
IO
Operating Temperature Range
TJ
-55 to + 150
0
C
MBR20200CS
200
140
NOTES : 1. Thermal Resistance : Heat-sink mounted.
2."ROHS c ompliant"
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mA
Maximum Instantaneous Forward Voltage at 10.0A DC
Volts
0.1
5.0
@TA = 25oC
@TA = 125oC
mA
UNITS
.99
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
* Case:D2- PAK molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
I2t
93.37
A2Sec
Typical Current Squarad Time
MBR20200CS
200
-55 to + 150
Maximum Reverse Recovery Time (Note 3)
Tr r
15
nS
3.Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
D2-PAK
Dimensions in inches and (millimeters)
.412 (10.46)
.388 (9.86)
.189 (4.80)
.173 (4.40)
.053 (1.35)
.049 (1.25)
.020 (0.50)
.055 (1.40)
.047 (1.20)
.202 (5.13)
.028 (0.71)
.198 (5.03)
.036 (0.91)
.012 (0.30)
PIN 1
PIN 3
HEATSINK
PIN 2
2022-04/52
REV:A


Similar Part No. - MBR20200CS

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
MBR20200C BCDSEMI-MBR20200C Datasheet
545Kb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Unisonic Technologies
MBR20200C UTC-MBR20200C Datasheet
89Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
MBR20200C DIODES-MBR20200C Datasheet
428Kb / 7P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Rev 3
logo
Unisonic Technologies
MBR20200C UTC-MBR20200C Datasheet
186Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
logo
Rectron Semiconductor
MBR20200C RECTRON-MBR20200C Datasheet
341Kb / 5P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR20200CS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ISR2020C RECTRON-ISR2020C Datasheet
30Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 20 Amperes)
logo
List of Unclassifed Man...
SSM22LLPT ETC2-SSM22LLPT Datasheet
90Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 Volts CURRENT 2.0 Amperes
logo
Rectron Semiconductor
SR1020K RECTRON-SR1020K Datasheet
197Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 10.0 Amperes
logo
ON Semiconductor
MBRF20200-CT ONSEMI-MBRF20200-CT Datasheet
101Kb / 4P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS
August, 2008 ??Rev. 7
logo
Kersemi Electronic Co.,...
MBR20200CTG KERSEMI-MBR20200CTG Datasheet
480Kb / 5P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS
MBRF20200CTG KERSEMI-MBRF20200CTG Datasheet
455Kb / 4P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS
logo
Rectron Semiconductor
KDB3200S RECTRON-KDB3200S Datasheet
215Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 3.0 Amperes
2020-04/97 REV:A
SR20H200C RECTRON-SR20H200C Datasheet
966Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 20.0 Amperes
2022-04/52 REV:A
SR4020C RECTRON-SR4020C Datasheet
865Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 40 Amperes
2022-04/52 REV:B
SS52BF RECTRON-SS52BF Datasheet
136Kb / 5P
Surface Mount Schottky Barrier Rectifier VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Amperes
2017-07 REV:O1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com