Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20200CS Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # MBR20200CS
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 20 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MBR20200CS Datasheet(HTML) 2 Page - Rectron Semiconductor

  MBR20200CS Datasheet HTML 1Page - Rectron Semiconductor MBR20200CS Datasheet HTML 2Page - Rectron Semiconductor MBR20200CS Datasheet HTML 3Page - Rectron Semiconductor MBR20200CS Datasheet HTML 4Page - Rectron Semiconductor MBR20200CS Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
LEAD TEMPERATURE, (
OC)
0
0.1
0.01
1
10
100
0
5
10
15
20
25
30
20
40
60
80
100
120
140
150
100
50
0
0
0.2 0.4
0.8 1.0
1.4 1.6
1.0
10
20
50
1.2
0.6
1.8
RATING AND CHARACTERISTICS CURVES ( MBR20200CS)
FFIIG
G..33
IINNSSTTAANNTTAANNEEO
OUUSS FFO
ORRW
WAARRDD
CCHHAARRAACCTTEERRIISSTTIICCSS
FFIIG
G..11 TTYYPPIICCAALL FFO
ORRW
WAARRDD CCUURRRREENNTT
DDEERRAATTIINNG
G CCUURRVVEE
FFIIG
G..22
RREEVVEERRSSEE
CCHHAARRAACCTTEERRIISSTTIICCSS
NUMBER OF CYCLES AT 60Hz
1
250
300
50
0
100
200
150
2
5
10
20
50
100
FFIIG
G..44 M
MAAXXIIM
MUUM
M NNO
ONN--RREEPPEETTIITTIIVVEE FFO
ORRW
WAARRDD
SSUURRG
GEE CCUURRRREENNTT
Single Phase Half Wave
60Hz Inductive or
Resistive Load
8.3mS Single Half Sine-Wave
JEDEC Method
TJ = 25 OC
Pulse width=300 S
1% Duty Cycle
TA = 125 OC
TA = 25 OC
TA = 75 OC
30
M
MAAXXIIM
MUUM
M
M
MAAXXIIM
MUUM
M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com