Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F510-E/SP Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC12F510-E/SP
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F510-E/SP Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC12F510-E/SP Datasheet HTML 55Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 56Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 57Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 58Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 59Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 60Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 61Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 62Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 114 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41268B-page 57
PIC12F510/16F506
REGISTER 10-2:
CONFIGURATION WORD – PIC16F506
—
—
—
—
—
IOSCFS MCLRE
CP
WDTE
FOSC2
FOSC1
FOSC0
bit 11
bit 0
bit 11-7:
Unimplemented: Read as ‘1’
bit 6:
IOSCFS: Internal Oscillator Frequency Select bit
1
= 8 MHz INTOSC speed
0
= 4 MHz INTOSC speed
bit 5:
MCLRE: Master Clear Enable bit
1
= RB3/MCLR pin functions as MCLR
0
= RB3/MCLR pin functions as RB3, MCLR tied internally to VDD
bit 4:
CP: Code Protection bit
1
= Code protection off
0
= Code protection on
bit 3:
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 2-0:
FOSC2:FOSC0: Oscillator Selection bits
000
= LP oscillator and 18 ms DRT
001
= XT oscillator and 18 ms DRT
010
= HS oscillator and 18 ms DRT
011
= EC oscillator with RB4 function on RB4/OSC2/CLKOUT and 1.125 ms DRT(1), (2)
100
= INTOSC with RB4 function on RB4/OSC2/CLKOUT and 1.125 ms DRT(1), (2)
101
= INTOSC with CLKOUT function on RB4/OSC2/CLKOUT and 1.125 ms DRT(1), (2)
110
= EXTRC with RB4 function on RB4/OSC2/CLKOUT and 1.125 ms DRT(1), (2)
111
= EXTRC with CLKOUT function on RB4/OSC2/CLKOUT and 1.125 ms DRT(1), (2)
Note 1: Refer to the “PIC16F506 Memory Programming Specification”, DS41258, to determine how to
access the Configuration Word.
2: It is the responsibility of the application designer to ensure the use of the 1.125 ms (nominal)
DRT will result in acceptable operation. Refer to Electrical Specifications for VDD rise time and
stability requirements for this mode of operation.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = bLANK
‘1’ = bit is set
‘0’ = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com